Electronic Components Datasheet Search
  English  ▼

X  

32192 Datasheet(PDF) 40 Page - Renesas Technology Corp

Part # 32192
Description  MCU
PDF  1044 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32192 Datasheet(HTML) 40 Page - Renesas Technology Corp

Back Button 32192 Datasheet HTML 36Page - Renesas Technology Corp 32192 Datasheet HTML 37Page - Renesas Technology Corp 32192 Datasheet HTML 38Page - Renesas Technology Corp 32192 Datasheet HTML 39Page - Renesas Technology Corp 32192 Datasheet HTML 40Page - Renesas Technology Corp 32192 Datasheet HTML 41Page - Renesas Technology Corp 32192 Datasheet HTML 42Page - Renesas Technology Corp 32192 Datasheet HTML 43Page - Renesas Technology Corp 32192 Datasheet HTML 44Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 1044 page
background image
1-20
1
32192/32195/32196 Group Hardware Manual
OVERVIEW
Rev.1.10 REJ09B0123-0110 Apr.06.07
Table 1.4.1 Pin Assignments of the M32192F8xFP, M32195F4xFP, and M32196F8xFP (4/4)
Note 1: The pins outputted at two places.
Port
Function 1
Function 2
DRI function
NBD function
Function
Type
State during
reset
State upon
exiting reset
118 P107/TO15/RXD4/DD0
P107
TO15
RXD4
DD0(*)
Input/output
P107
Input
Hi-Z
Hi-Z
During single-chip and
external extension modes
P124
Input
Hi-Z
Hi-Z
During processor mode
A9
Output
Hi-Z
Hi-Z
During single-chip and
external extension modes
P125
Input
Hi-Z
Hi-Z
During processor mode
A10
Output
Hi-Z
Hi-Z
121
P126/TCLK2/
CS2#/DD1
P126
TCLK2
CS2#(*)
DD1(*)
Input/
output
P126
Input
Hi-Z
Hi-Z
122
P127/TCLK3/
CS3#/DD0
P127
TCLK3
CS3#(*)
DD0(*)
Input/
output
P127
Input
Hi-Z
Hi-Z
123 MOD2
-
MOD2
-
-
-
MOD2
-
-
-
124
P130/TIN16/
PWMOFF0/DIN0
P130
TIN16/
PWMOFF0
-DIN0
Input/
output
P130
Input
Hi-Z
Hi-Z
125
P131/TIN17/
PWMOFF1/DIN1
P131
TIN17/
PWMOFF1
-DIN1
Input/
output
P131
Input
Hi-Z
Hi-Z
126 P132/TIN18/DIN2
P132
TIN18
-
DIN2
Input/output
P132
Input
Hi-Z
Hi-Z
127 P133/TIN19/DIN3
P133
TIN19
-
DIN3
Input/output
P133
Input
Hi-Z
Hi-Z
128
P134/TIN20/
TXD3/DIN4
P134
TIN20
TXD3(*)
DIN4
Input/
output
P134
Input
Hi-Z
Hi-Z
129 P135/TIN21/RXD3
P135
TIN21
RXD3(*)
-
Input/output
P135
Input
Hi-Z
Hi-Z
130 P136/TIN22/CRX1
P136
TIN22
CRX1(*)
-
Input/output
P136
Input
Hi-Z
Hi-Z
131 P137/TIN23/CTX1
P137
TIN23
CTX1(*)
-
Input/output
P137
Input
Hi-Z
Hi-Z
132 VCCE
-
VCCE
-
-
-
-
VCCE
-
-
-
133
P150/TIN0/
CLKOUT/WR#
P150
TIN0
CLKOUT(*)/
WR#(*)
-
Input/
output
P150
Input
Hi-Z
Hi-Z
134 P153/TIN3/WAIT#
P153
TIN3
WAIT#(*)
-
Input/output
P153
Input
Hi-Z
Hi-Z
During single-chip mode
P41
Input
Hi-Z
Hi-Z
During external extension and
processor modes
BLW#/
BLE#
Output
Hi-Z
"H" level
During single-chip mode
P42
Input
Hi-Z
Hi-Z
During external extension and
processor modes
BHW#/
BHE#
Output
Hi-Z
"H" level
137 EXCVCC
-
EXCVCC
-
-
-
-
EXCVCC
-
-
-
138 VSS
-
VSS
-
-
-
-
VSS
-
-
-
During single-chip mode
P43
Input
Hi-Z
Hi-Z
During external extension and
processor modes
RD#
Output
Hi-Z
"H" level
During single-chip and
external extension modes
P44
Input
Hi-Z
Hi-Z
During processor mode
CS0#
Output
Hi-Z
"H" level
During single-chip and
external extension modes
P45
Input
Hi-Z
Hi-Z
During processor mode
CS1#
Output
Hi-Z
"H" level
During single-chip and
external extension modes
P46
Input
Hi-Z
Hi-Z
During processor mode
A13
Output
Hi-Z
Undefined
During single-chip and
external extension modes
P47
Input
Hi-Z
Hi-Z
During processor mode
A14
Output
Hi-Z
Undefined
144 P220/CTX0/HACK#
P220
CTX0(*)
HACK#(*)
-
Input/output
P220
Input
Hi-Z
Hi-Z
A10
DD2(*)
Input/
output
119 P124/TCLK0/A9/DD3
P124
TCLK0
A9
DD3(*)
Input/
output
120 P125/TCLK1/A10/DD2
P125
TCLK1
Symbol
Type
Condition
139 P43/RD#
P43
RD#
-
Input/
output
Function
-
Input/
output
140 P44/CS0#/TIN8
P44
CS0#
-
Input/
output
142 P46/A13/TIN10
P46
A13
143 P47/A14/TIN11
P47
A14
Pin state when reset
Pin
No.
-
Input/
output
-
Input/
output
141 P45/CS1#/TIN9
P45
CS1#
TIN11
-
TIN8
TIN9
TIN10
136 P42/BHW#/BHE#
P42
BHW#/
BHE#
--
Input/
output
135 P41/BLW#/BLE#
P41
BLW#/
BLE#
--
Input/
output
Power
supply
VCCE
VCC-BUS
VCC-BUS
1.4 Pin Assignments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com