Electronic Components Datasheet Search
  English  ▼

X  

32192 Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # 32192
Description  MCU
PDF  1044 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32192 Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button 32192 Datasheet HTML 8Page - Renesas Technology Corp 32192 Datasheet HTML 9Page - Renesas Technology Corp 32192 Datasheet HTML 10Page - Renesas Technology Corp 32192 Datasheet HTML 11Page - Renesas Technology Corp 32192 Datasheet HTML 12Page - Renesas Technology Corp 32192 Datasheet HTML 13Page - Renesas Technology Corp 32192 Datasheet HTML 14Page - Renesas Technology Corp 32192 Datasheet HTML 15Page - Renesas Technology Corp 32192 Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 1044 page
background image
Contents-6
32192/32195/32196 Group Hardware Manual
Rev.1.10 REJ09B0123-0110 Apr.06.07
10.8.9
TOU Count Enable Registers -------------------------------------------------------------------------------- 10-164
10.8.10
PWMOFF Input Processing Control Registers ---------------------------------------------------------- 10-166
10.8.11
PWM Output Disable Control Registers ------------------------------------------------------------------- 10-168
10.8.12
PWM Output Disable Level Control Registers ----------------------------------------------------------- 10-171
10.8.13
PWMOFF Function Enable Registers --------------------------------------------------------------------- 10-173
10.8.14
Operation in TOU PWM Output Mode (without Correction Function) ------------------------------- 10-174
10.8.15
Operation in TOU Single-shot PWM Output Mode (without Correction Function) --------------- 10-180
10.8.16
Operation in TOU Delayed Single-shot Output Mode (without Correction Function) ---------------- 10-182
10.8.17
Operation in TOU Single-shot Output Mode (without Correction Function) ------------------------ 10-184
10.8.18
Operation in TOU Continuous Output Mode (without Correction Function) ------------------------ 10-186
10.8.19
0% or 100% Duty-Cycle Wave Output during PWM Output and Single-shot PWM Output Modes --- 10-188
10.8.20
PWM Output Disable Function ------------------------------------------------------------------------------ 10-193
10.8.21
Shorting Prevention Function -------------------------------------------------------------------------------- 10-197
10.8.22
Example Application for Using the 32192/32195/32196 in Motor Control -------------------------- 10-201
CHAPTER 11 A/D CONVERTER
11.1 Outline of A/D Converter ------------------------------------------------------------------------------------------------ 11-2
11.1.1
ConversionModes ---------------------------------------------------------------------------------------------- 11-6
11.1.2
Operation Modes ------------------------------------------------------------------------------------------------ 11-6
11.1.3
Special Operation Modes ------------------------------------------------------------------------------------- 11-9
11.1.4
A/D Converter Interrupt and DMA Transfer Requests --------------------------------------------------- 11-12
11.1.5
Sample-and-HoldFunction ------------------------------------------------------------------------------------ 11-12
11.1.6
Simultaneous Sampling Function --------------------------------------------------------------------------- 11-13
11.2 A/D Converter Related Registers ------------------------------------------------------------------------------------- 11-15
11.2.1
A/D Single Mode Register 0 ---------------------------------------------------------------------------------- 11-17
11.2.2
A/D Single Mode Register 1 ---------------------------------------------------------------------------------- 11-19
11.2.3
A/D Single Mode Register 2 ---------------------------------------------------------------------------------- 11-21
11.2.4
A/D Scan Mode Register 0 ----------------------------------------------------------------------------------- 11-22
11.2.5
A/D Scan Mode Register 1 ----------------------------------------------------------------------------------- 11-24
11.2.6
A/D Conversion Speed Control Register ------------------------------------------------------------------- 11-26
11.2.7
A/D Disconnection Detection Assist Function Control Register ------------------------------------- 11-27
11.2.8
A/D Disconnection Detection Assist Method Select Register --------------------------------------- 11-28
11.2.9
A/D Successive Approximation Register ------------------------------------------------------------------ 11-31
11.2.10
A/D Comparate Data Register ------------------------------------------------------------------------------- 11-32
11.2.11
10-bit A/D Data Registers ------------------------------------------------------------------------------------ 11-33
11.2.12
8-bit A/D Data Registers -------------------------------------------------------------------------------------- 11-34
11.3 Functional Description of A/D Converter ---------------------------------------------------------------------------- 11-35
11.3.1
How to Find Analog Input Voltages ------------------------------------------------------------------------- 11-35
11.3.2
A/D Conversion by Successive Approximation Method ------------------------------------------------ 11-36
11.3.3
Comparator Operation ----------------------------------------------------------------------------------------- 11-37
11.3.4
Calculating the A/D Conversion Time ---------------------------------------------------------------------- 11-38
11.3.5
Accuracy of A/D Conversion --------------------------------------------------------------------------------- 11-43
11.4 Inflow Current Bypass Circuit ------------------------------------------------------------------------------------------ 11-45
11.5 Notes on the A/D Converter -------------------------------------------------------------------------------------------- 11-47



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com