Electronic Components Datasheet Search
  English  ▼

X  

32192 Datasheet(PDF) 68 Page - Renesas Technology Corp

Part # 32192
Description  MCU
PDF  1044 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32192 Datasheet(HTML) 68 Page - Renesas Technology Corp

Back Button 32192 Datasheet HTML 64Page - Renesas Technology Corp 32192 Datasheet HTML 65Page - Renesas Technology Corp 32192 Datasheet HTML 66Page - Renesas Technology Corp 32192 Datasheet HTML 67Page - Renesas Technology Corp 32192 Datasheet HTML 68Page - Renesas Technology Corp 32192 Datasheet HTML 69Page - Renesas Technology Corp 32192 Datasheet HTML 70Page - Renesas Technology Corp 32192 Datasheet HTML 71Page - Renesas Technology Corp 32192 Datasheet HTML 72Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 1044 page
background image
3.4 Internal RAM and SFR Areas
ADDRESS SPACE
3-10
3
32192/32195/32196 Group Hardware Manual
Rev.1.10 REJ09B0123-0110 Apr.06.07
SFR Area Register Map (1/37)
Address
+0 address
+1 address
See pages
b0
b7 b8
b15
H'0080 0000
Interrupt Vector Register
5-5
(IVECT)
H'0080 0002
(Use inhibited area)
H'0080 0004
Interrupt Request Mask Register
(Use inhibited area)
5-6
(IMASK)
H'0080 0006
SBI Control Register
(Use inhibited area)
5-7
(SBICR)
(Use inhibited area)
H'0080 0056
RAM Write Monitor Interrupt Control Register
CAN1 Error Interrupt Control Register
5-8
(IRAMWRCR)
(ICAN1ERCR)
H'0080 0058
CAN1 Single-Shot Interrupt Control Register
CAN1 Transmit/Receive Interrupt Control Register
5-8
(ICAN1SSCR)
(ICAN1TRCR)
H'0080 005A
CAN0 Error Interrupt Control Register
CAN0 Single-Shot Interrupt Control Register
5-8
(ICAN0ERCR)
(ICAN0SSCR)
H'0080 005C
CAN0 Transmit/Receive Interrupt Control Register
DRI Event Detection Interrupt Control Register
5-8
(ICAN0TRCR)
(IDRIEVCR)
H'0080 005E
DRI Counter Interrupt Control Register
DRI Transfer Interrupt Control Register
5-8
(IDRICNTCR)
(IDRITRCR)
H'0080 0060
CAN0 Transmit/Receive & Error Interrupt Control Register
TML1 Input Interrupt Control Register
5-8
(ICAN0CR)
(ITML1CR)
H'0080 0062
(Use inhibited area)
H'0080 0064
SIO4,5 Transmit/Receive Interrupt Control Register
TOU1 Output Interrupt Control Register
5-8
(ISIO45CR)
(ITOU1CR)
H'0080 0066
TID1 Output Interrupt Control Register
RTD Interrupt Control Register
5-8
(ITID1CR)
(IRTDCR)
H'0080 0068
SIO2,3 Transmit/Receive Interrupt Control Register
DMA5–9 Interrupt Control Register
5-8
(ISIO23CR)
(IDMA59CR)
H'0080 006A
TOU0 Output Interrupt Control Register
TID0 Output Interrupt Control Register
5-8
(ITOU0CR)
(ITID0CR)
H'0080 006C
A/D0 Conversion Interrupt Control Register
SIO0 Transmit Interrupt Control Register
5-8
(IAD0CCR)
(ISIO0TXCR)
H'0080 006E
SIO0 Receive Interrupt Control Register
SIO1 Transmit Interrupt Control Register
5-8
(ISIO0RXCR)
(ISIO1TXCR)
H'0080 0070
SIO1 Receive Interrupt Control Register
DMA0–4 Interrupt Control Register
5-8
(ISIO1RXCR)
(IDMA04CR)
H'0080 0072
MJT Output Interrupt Control Register 0
MJT Output Interrupt Control Register 1
5-8
(IMJTOCR0)
(IMJTOCR1)
H'0080 0074
MJT Output Interrupt Control Register 2
MJT Output Interrupt Control Register 3
5-8
(IMJTOCR2)
(IMJTOCR3)
H'0080 0076
MJT Output Interrupt Control Register 4
MJT Output Interrupt Control Register 5
5-8
(IMJTOCR4)
(IMJTOCR5)
H'0080 0078
MJT Output Interrupt Control Register 6
MJT Output Interrupt Control Register 7
5-8
(IMJTOCR6)
(IMJTOCR7)
H'0080 007A
MJT Input Interrupt Control Register 0
MJT Input Interrupt Control Register 1
5-8
(IMJTICR0)
(IMJTICR1)
H'0080 007C
MJT Input Interrupt Control Register 2
MJT Input Interrupt Control Register 3
5-8
(IMJTICR2)
(IMJTICR3)
H'0080 007E
MJT Input Interrupt Control Register 4
CAN1 Transmit/Receive & Error Interrupt Control Register
5-8
(IMJTICR4)
(ICAN1CR)
H'0080 0080
A/D0 Single Mode Register 0
A/D0 Single Mode Register 1
11-17
(AD0SIM0)
(AD0SIM1)
11-19
H'0080 0082
(Use inhibited area)
A/D0 Single Mode Register 2
11-21
(AD0SIM2)
H'0080 0084
A/D0 Scan Mode Register 0
A/D0 Scan Mode Register 1
11-22
(AD0SCM0)
(AD0SCM1)
11-24
H'0080 0086
A/D0 Disconnection Detection Assist Function Control Register
A/D0 Conversion Speed Control Register
11-27
(AD0DDACR)
(AD0CVSCR)
11-26
H'0080 0088
A/D0 Successive Approximation Register
11-31
(AD0SAR)
H'0080 008A
A/D0 Disconnection Detection Assist Method Select Register
11-28
(AD0DDASEL)
H'0080 008C
A/D0 Comparate Data Register
11-32
(AD0CMP)
H'0080 008E
(Use inhibited area)
|



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com