Electronic Components Datasheet Search
  English  ▼

X  

32192 Datasheet(PDF) 25 Page - Renesas Technology Corp

Part # 32192
Description  MCU
PDF  1044 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32192 Datasheet(HTML) 25 Page - Renesas Technology Corp

Back Button 32192 Datasheet HTML 21Page - Renesas Technology Corp 32192 Datasheet HTML 22Page - Renesas Technology Corp 32192 Datasheet HTML 23Page - Renesas Technology Corp 32192 Datasheet HTML 24Page - Renesas Technology Corp 32192 Datasheet HTML 25Page - Renesas Technology Corp 32192 Datasheet HTML 26Page - Renesas Technology Corp 32192 Datasheet HTML 27Page - Renesas Technology Corp 32192 Datasheet HTML 28Page - Renesas Technology Corp 32192 Datasheet HTML 29Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 1044 page
background image
1
1-5
OVERVIEW
32192/32195/32196 Group Hardware Manual
Rev.1.10 REJ09B0123-0110 Apr.06.07
1.1 Outline of the 32192/32195/32196 Group
1.1.5 Built-in Clock Frequency Multiplier
• The 32192/32195/32196 contains a clock frequency multiplier, which is schematically shown in Figure 1.1.1
below.
X8
1/4
PLL
1/2
CLKO
SEL
CLKOUT(external bus clock)
(32MHz-40MHz or 16MHz-20MHz)
XIN pin
(16MHz-20MHz)
BCLK (peripheral clock)
(32MHz-40MHz)
CPUCLK (CPU clock)
(128MHz-160MHz)
Figure 1.1.1 Conceptual Diagram of the Clock Frequency Multiplier
Table 1.1.2 Clock
Functional Block
Features
CPUCLK
• CPU clock: Defined as f(CPUCLK) when it indicates the operating clock frequency for
the M32R-FPU core, internal flash memory and internal RAM.
BCLK
• Peripheral clock: Defined as f(BCLK) when it indicates the operating clock frequency for
the internal peripheral I/O and external data bus.
Clock output
• BCLK pin output: A clock with the same frequency as f(BCLK) is output from this pin.
• CLKOUT pin output: A clock with the same or half frequency as f(BCLK) is output from this pin.
1.1.6 Powerful Peripheral Functions Built-in
(1) 8-level interrupt controller (ICU)
(2) 10-channel DMAC
(3) 55-channel multijunction timer (MJT)
(4) 16-channel A/D converter (ADC)
(5) 6-channel serial interface (SIO)
(6) 2-channel Full-CAN
(7) Direct RAM interface (DRI)
(8) Real-time debugger (RTD)
(9) Non-break debug (NBD)
(10) Wait controller
(11) M32R Family’s common debug function (Scalable Debug Interface or SDI)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com