Electronic Components Datasheet Search
  English  ▼

X  

32192 Datasheet(PDF) 44 Page - Renesas Technology Corp

Part # 32192
Description  MCU
PDF  1044 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32192 Datasheet(HTML) 44 Page - Renesas Technology Corp

Back Button 32192 Datasheet HTML 40Page - Renesas Technology Corp 32192 Datasheet HTML 41Page - Renesas Technology Corp 32192 Datasheet HTML 42Page - Renesas Technology Corp 32192 Datasheet HTML 43Page - Renesas Technology Corp 32192 Datasheet HTML 44Page - Renesas Technology Corp 32192 Datasheet HTML 45Page - Renesas Technology Corp 32192 Datasheet HTML 46Page - Renesas Technology Corp 32192 Datasheet HTML 47Page - Renesas Technology Corp 32192 Datasheet HTML 48Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 1044 page
background image
1-24
1
32192/32195/32196 Group Hardware Manual
OVERVIEW
Rev.1.10 REJ09B0123-0110 Apr.06.07
1.4 Pin Assignments
Note 1: The pins outputted at two places.
Note 2: The JTCK, JTDI, JTDO and JTMS pins are reset by input from the JTRST pin, and not reset from the RESET# pin.
Note 3: THERMAL BALL must be connected to the ground (GND).
Table 1.4.2 Pin Assignments of the M32192F8xWG (4/4)
Port
Function 1
Function 2
DRI function
NBD function
Function
Type
State during
reset
State upon
exiting reset
P9
EXCVCC
-
EXCVCC
--
-
-
EXCVCC
--
-
P10
N.C.
-
--
-
-
-
-
--
-
P11
VCCER
-
VCCER
--
Input/Output
-
VCCER
--
-
P12
P84/SCLKI0/
SCLKO0/TO24
-
SCLKI0/
SCLKO0
--
Input/Output
VCCE
P84
Input
Hi-Z
Hi-Z
P13
N.C.
-
--
-
-
-
-
--
-
P14
P62
P62
--
-
Input/Output
VCCE
P62
Input
Hi-Z
Hi-Z
P15
P61
P61
--
-
Input/Output
VCCE
P61
Input
Hi-Z
Hi-Z
R1
N.C.
-
-
-
-
-
-
-
-
-
-
During single-chip and
external extension modes
P14
Input
Hi-Z
Hi-Z
During processor mode
DB12
Input/Output
Hi-Z
Hi-Z
R3
N.C.
-
-
-
-
-
-
-
-
-
-
R4
VSS
-
VSS
--
-
-
VSS
--
-
R5
AD0IN1
-
AD0IN1
--
Input
AVCC0
AD0IN1
Input
Hi-Z
Hi-Z
R6
AD0IN5
-
AD0IN5
--
Input
AVCC0
AD0IN5
Input
Hi-Z
Hi-Z
R7
AD0IN9
-
AD0IN9
--
Input
AVCC0
AD0IN9
Input
Hi-Z
Hi-Z
R8
AD0IN13
-
AD0IN13
--
Input
AVCC0
AD0IN13
Input
Hi-Z
Hi-Z
R9
AVSS0
-
AVSS0
--
-
-
AVSS0
--
-
R10
N.C.
-
--
-
-
-
-
--
-
R11
P175/RXD2/TO27
P175
RXD2
TO27 (Note 1)
-
Input/Output
VCCE
P175
Input
Hi-Z
Hi-Z
R12
P83/RXD0/TO25
P83
RXD0
TO25 (Note 1)
-
Input/Output
VCCE
P83
Input
Hi-Z
Hi-Z
R13
P86/RXD1/TO22
P86
RXD1
TO22 (Note 1)
-
Input/Output
VCCE
P86
Input
Hi-Z
Hi-Z
R14
VSS
-
VSS
--
-
-
VSS
--
-
R15
EXCVDD
-
EXCVDD
--
-
-
EXCVDD
--
-
Pin No.
Symbol
Function
Type
Power
supply
Condition
Pin state when reset
R2
P14/DB12/
TO33/DD12
P14
DB12
TO33 (Note 1)
DD12 (Note 1)
Input/Output
VCC-BUS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com