Electronic Components Datasheet Search
  English  ▼

X  

32192 Datasheet(PDF) 22 Page - Renesas Technology Corp

Part # 32192
Description  MCU
PDF  1044 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32192 Datasheet(HTML) 22 Page - Renesas Technology Corp

Back Button 32192 Datasheet HTML 18Page - Renesas Technology Corp 32192 Datasheet HTML 19Page - Renesas Technology Corp 32192 Datasheet HTML 20Page - Renesas Technology Corp 32192 Datasheet HTML 21Page - Renesas Technology Corp 32192 Datasheet HTML 22Page - Renesas Technology Corp 32192 Datasheet HTML 23Page - Renesas Technology Corp 32192 Datasheet HTML 24Page - Renesas Technology Corp 32192 Datasheet HTML 25Page - Renesas Technology Corp 32192 Datasheet HTML 26Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 1044 page
background image
1-2
1
32192/32195/32196 Group Hardware Manual
OVERVIEW
Rev.1.10 REJ09B0123-0110 Apr.06.07
1.1 Outline of the 32192/32195/32196 Group
The 32192/32195/32196 Group (hereinafter simply the 32192/32195/32196) belongs to the M32R/ECU Series
in the M32R Family of Renesas microcomputers. For details about the current development status of the
32192/32195/32196, please contact your nearest office of Renesas or its distributor.
Table 1.1.1 Product List
Type Name
ROM
RAM
Frequency
Power supply voltage
Temperature Range
capacity
capacity
at single-supply
at double-supply
(Note 1)
M32192F8VFP
1 Mbytes
176 Kbytes
128 MHz
3.3V
5V, 3.3V
–40°C to 125°C
M32192F8UFP
1 Mbytes
176 Kbytes
160 MHz
3.3V
5V, 3.3V
–40°C to 105°C
M32192F8TFP
1 Mbytes
176 Kbytes
160 MHz
5V or 3.3V
5V, 3.3V
–40°C to 85°C
M32192F8VWG
1 Mbytes
176 Kbytes
128 MHz
3.3V
5V, 3.3V
–40°C to 125°C
M32192F8UWG
1 Mbytes
176 Kbytes
160 MHz
3.3V
5V, 3.3V
–40°C to 105°C
M32192F8TWG
1 Mbytes
176 Kbytes
160 MHz
5V or 3.3V
5V, 3.3V
–40°C to 85°C
M32195F4VFP
512 Kbytes
32 Kbytes
128 MHz
3.3V
5V, 3.3V
–40°C to 125°C
M32195F4UFP
512 Kbytes
32 Kbytes
160 MHz
3.3V
5V, 3.3V
–40°C to 105°C
M32195F4TFP
512 Kbytes
32 Kbytes
160 MHz
5V or 3.3V
5V, 3.3V
–40°C to 85°C
M32196F8VFP
1 Mbytes
64 Kbytes
128 MHz
3.3V
5V, 3.3V
–40°C to 125°C
M32196F8UFP
1 Mbytes
64 Kbytes
160 MHz
3.3V
5V, 3.3V
–40°C to 105°C
M32196F8TFP
1 Mbytes
64 Kbytes
160 MHz
5V or 3.3V
5V, 3.3V
–40°C to 85°C
Note 1: This does not guarantee continuous operation and there is a limitation on the length of use (temperature profile).
1.1.1 M32R Family CPU Core with Built-in FPU (M32R-FPU)
(1) Based on a RISC architecture
• The 32192/32195/32196 is a group of 32-bit RISC single-chip microcomputers. The M32R-FPU in
this group of microcomputers incorporates a fully IEEE 754-compliant, single-precision FPU in order
to materialize the common instruction set and the high-precision arithmetic operation of the M32R
CPU. The 32192/32195/32196 products listed in the above table are built around the M32R-FPU
and incorporates flash memory, RAM and various peripheral functions, all integrated into a single
chip.
• The M32R-FPU is constructed based on a RISC architecture. Memory is accessed using load/store instruc-
tions, and various arithmetic/logic operations are executed using register-to-register operation instructions.
• The M32R-FPU internally contains sixteen 32-bit general-purpose registers. The instruction set con-
sists of 100 discrete instructions in total (83 instructions common to the M32R Family plus 17 FPU
and extended instructions). These instructions are either 16 bits or 32 bits long.
• In addition to the ordinary load/store instructions, the M32R-FPU supports compound instructions such as
Load & Address Update and Store & Address Update. These instructions help to speed up data transfers.
(2) Six-stage pipelined processing
• The M32R-FPU supports six-stage pipelined instruction processing. Not just load/store instructions
and register-to-register operation instructions, but also floating-point arithmetic instructions and
compound instructions such as Load & Address Update and Store & Address Update are executed
in one CPUCLK period (which is equivalent to 6.25 ns when f(CPUCLK) = 160 MHz).
• Although instructions are supplied to the execution stage in the order in which they were fetched, it
is possible that if the load/store instruction supplied first is extended by wait cycles inserted in
memory access, the subsequent register-to-register operation instruction will be executed before
that instruction. Using such a facility, which is known as the “out-of-order-completion” mechanism,
the M32R-FPU is able to control instruction execution without wasting clock cycles.
1.1 Outline of the 32192/32195/32196 Group



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com