Electronic Components Datasheet Search
  English  ▼

X  

32192 Datasheet(PDF) 60 Page - Renesas Technology Corp

Part # 32192
Description  MCU
PDF  1044 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32192 Datasheet(HTML) 60 Page - Renesas Technology Corp

Back Button 32192 Datasheet HTML 56Page - Renesas Technology Corp 32192 Datasheet HTML 57Page - Renesas Technology Corp 32192 Datasheet HTML 58Page - Renesas Technology Corp 32192 Datasheet HTML 59Page - Renesas Technology Corp 32192 Datasheet HTML 60Page - Renesas Technology Corp 32192 Datasheet HTML 61Page - Renesas Technology Corp 32192 Datasheet HTML 62Page - Renesas Technology Corp 32192 Datasheet HTML 63Page - Renesas Technology Corp 32192 Datasheet HTML 64Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 1044 page
background image
ADDRESS SPACE
3-2
3
32192/32195/32196 Group Hardware Manual
Rev.1.10 REJ09B0123-0110 Apr.06.07
3.1 Outline of the Address Space
The logical addresses of the M32R are always handled in 32 bits, providing a linear address space of up to 4
Gbytes. The address space of the M32R/ECU consists of the following:
(1) User space
• Internal ROM area
• External extension area
• Internal RAM area
• SFR (Special Function Register) area
The 2 Gbytes from the address H’0000 0000 to the address H’7FFF FFFF comprise the user space.
Located in this space are the internal ROM area, an external extension area, the internal RAM area and
the SFR (Special Function Register) area (in which a set of internal peripheral I/O registers exist). Of
these, the internal ROM and external extension areas are located differently depending on mode set-
tings as will be described later.
(2) System space (This area is closed to the user)
The 2 Gbytes from the address H’8000 0000 to the address H’FFFF FFFF comprise the system space.
This space (except for SFR area for NBD control) is reserved for use by development tools such as an in-
circuit emulator and debug monitor.
3.1 Outline of the Address Space



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com