Electronic Components Datasheet Search
  English  ▼

X  

32192 Datasheet(PDF) 29 Page - Renesas Technology Corp

Part # 32192
Description  MCU
PDF  1044 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32192 Datasheet(HTML) 29 Page - Renesas Technology Corp

Back Button 32192 Datasheet HTML 25Page - Renesas Technology Corp 32192 Datasheet HTML 26Page - Renesas Technology Corp 32192 Datasheet HTML 27Page - Renesas Technology Corp 32192 Datasheet HTML 28Page - Renesas Technology Corp 32192 Datasheet HTML 29Page - Renesas Technology Corp 32192 Datasheet HTML 30Page - Renesas Technology Corp 32192 Datasheet HTML 31Page - Renesas Technology Corp 32192 Datasheet HTML 32Page - Renesas Technology Corp 32192 Datasheet HTML 33Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 1044 page
background image
1
1-9
OVERVIEW
32192/32195/32196 Group Hardware Manual
Rev.1.10 REJ09B0123-0110 Apr.06.07
1.2 Block Diagram
Functional Block
Features
JTAG
• Boundary scan function
VDC
• Internal power supply generating circuit: Generates the internal power supply from an external
power supply (5 or 3.3 V).
Ports
• Input/output pin: 97 pins
• The port input threshold can be set in a program to one of three levels individually for each port
group (with or without Schmitt circuit, selectable).
Note 1: The maximum external input clock frequency (XIN) for the M32192F8VFP, M32195F4VFP, and M32196F8VFP are
16.0 MHz.
Table 1.2.1 Features of the 32192/32195/32196 (3/3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com