Electronic Components Datasheet Search
  English  ▼

X  

32192 Datasheet(PDF) 28 Page - Renesas Technology Corp

Part # 32192
Description  MCU
PDF  1044 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32192 Datasheet(HTML) 28 Page - Renesas Technology Corp

Back Button 32192 Datasheet HTML 24Page - Renesas Technology Corp 32192 Datasheet HTML 25Page - Renesas Technology Corp 32192 Datasheet HTML 26Page - Renesas Technology Corp 32192 Datasheet HTML 27Page - Renesas Technology Corp 32192 Datasheet HTML 28Page - Renesas Technology Corp 32192 Datasheet HTML 29Page - Renesas Technology Corp 32192 Datasheet HTML 30Page - Renesas Technology Corp 32192 Datasheet HTML 31Page - Renesas Technology Corp 32192 Datasheet HTML 32Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 1044 page
background image
1-8
1
32192/32195/32196 Group Hardware Manual
OVERVIEW
Rev.1.10 REJ09B0123-0110 Apr.06.07
Table 1.2.1 Features of the 32192/32195/32196 (2/3)
1.2 Block Diagram
Functional Block
Features
A/D Converter (ADC)
• 16 channels: 10-bit resolution A/D converter × 1 block
• Conversion modes: In addition to ordinary A/D conversion mode, comparator mode and
2-channel simultaneous sampling mode.
• Operation modes: Single conversion mode and n-channel scan mode (n = 1–16)
• Sample-and-hold function: Performs A/D conversion with the analog input voltages sampled at
start of A/D conversion.
• A/D disconnection detection assist function: Suppresses effects of the analog input voltage
leakage from the preceding channel during A/D conversion.
• An inflow current bypass circuit is built-in.
• Can generate an interrupt or start DMA transfer upon completion of A/D conversion.
• Either 8-bit or 10-bit conversion results can be read out.
• Interrupt request: Completion of A/D conversion
• DMA transfer request: Completion of A/D conversion
Serial Interface (SIO)
• 6-channel serial interface
• Can be chosen to be clock-synchronous serial interface or clock-asynchronous serial interface.
• Data can be transferred at high speed (5 Mbits per second during clock-synchronous mode or
2.5 Mbits per second during clock-asynchronous mode when f(BCLK) = 40 MHz).
• Interrupt request: Reception completed, receive error, transmit buffer empty or transmission completed
• DMA transfer request: Reception completed or transmit buffer empty
CAN
• 32 message slots × 2 blocks
• Compliant with CAN specification 2.0B active.
• Interrupt request: Transmission completed, reception completed, bus error, error-passive, bus-off
or single shot
• DMA transfer request: Failed to send, transmission completed or reception completed
Real-Time Debugger
• Internal RAM can be rewritten or monitored independently of the CPU by entering a command
(RTD)
from the outside.
• Comes with exclusive clock-synchronous serial ports.
• Interrupt request: RTD interrupt command input
Non-Break Debug
• Can access to all resources on the address map from the outside
(NBD)
• Clock-synchronous parallel interface (4-bit)
• Event output function
• RAM monitor function
Direct RAM Interface
• Can control capture of clock-synchronous parallel data to the internal RAM independently of the CPU
(DRI)
• Clock-synchronous parallel input (8-bit, 16-bit or 32-bit)
• Maximum transfer rate: 40 Mbytes/s (when f(CPUCLK)=160 MHz)
Interrupt Controller (ICU)
• Controls interrupt requests from the internal peripheral I/O.
• Supports 8-level interrupt priority including an interrupt disabled state.
• External interrupt: 27 sources (SBI#, TIN0, TIN3–TIN11, TIN16–TIN27, TIN30–TIN33)
• TIN pin input sensing: Rising, falling or both edges or “H” or “L” level
Wait Controller
• Controls wait states for access to the external extension area.
• Insertion of 0–15 wait states by setting up in software + wait state extension by entering WAIT# signal
PLL
• A multiply-by-8 clock generating circuit
Clock
• Maximum external input clock frequency (XIN) is 20.0 MHz. (Note 1)
• CPUCLK: Operating clock for the M32R-FPU core, internal flash memory and internal RAM
The maximum CPU clock is 160 MHz (when f(XIN) = 20 MHz).
• BCLK: Operating clock for the internal peripheral I/O and external data bus
The maximum peripheral clock is 40 MHz (peripheral module access when f(XIN) = 20 MHz).
• BCLK pin output: A clock with the same frequency as f(BCLK) is output from this pin.
• CLKOUT pin output: A clock with the same or half frequency as f(BCLK) is output from this pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com