Electronic Components Datasheet Search
  English  ▼

X  

SH7021 Datasheet(PDF) 338 Page - Renesas Technology Corp

Part # SH7021
Description  SuperH??RISC engine
PDF  509 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7021 Datasheet(HTML) 338 Page - Renesas Technology Corp

Back Button SH7021 Datasheet HTML 334Page - Renesas Technology Corp SH7021 Datasheet HTML 335Page - Renesas Technology Corp SH7021 Datasheet HTML 336Page - Renesas Technology Corp SH7021 Datasheet HTML 337Page - Renesas Technology Corp SH7021 Datasheet HTML 338Page - Renesas Technology Corp SH7021 Datasheet HTML 339Page - Renesas Technology Corp SH7021 Datasheet HTML 340Page - Renesas Technology Corp SH7021 Datasheet HTML 341Page - Renesas Technology Corp SH7021 Datasheet HTML 342Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 338 / 509 page
background image
322 RENESAS
TPC Output Non-Overlap Operation (Four-Phase Complementary Non-Overlap Output)
(figure 11.7):
1. Set GRA and GRB of the ITU that serves as output trigger in the output compare registers. Set
the cycle in the GRB and the non-overlap cycle time in the GRA and select to clear the counter
upon compare match B. Set the IMIEA bit of TIER to 1 to enable the IMIA interrupt.
2. Write H'FFFF in the PBCR1, write H'FF in the NDERB, and set G3CMS1, G3CMS0,
G2CMS1 and G2CMS0 in the TPCR to set the ITU compare match selected in step 1 as the
output trigger. Set the G3NOV and G2NOV bits in the TPMR to 1 to set the non-overlap
operation. Write output data H'95 in the NDRB.
3. When the selected ITU channel starts operating and a GRB compare-match occurs, 1 output
changes to 0 output; when a GRA compare match occurs, 0 output changes to 1 output. (The
change from 0 output to 1 output is delayed by the value set in GRA.) The IMIA interrupt
service routine writes the next output data (H'65) in the NDRB.
4. Four-phase complementary non-overlap output can be obtained by writing H'59, H'56, H'95…
at successive IMIA interrupts. If the DMA controller is set for activation by compare-match,
pulse output can be obtained without loading the CPU.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com