Electronic Components Datasheet Search
  English  ▼

X  

SH7021 Datasheet(PDF) 89 Page - Renesas Technology Corp

Part # SH7021
Description  SuperH??RISC engine
PDF  509 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7021 Datasheet(HTML) 89 Page - Renesas Technology Corp

Back Button SH7021 Datasheet HTML 85Page - Renesas Technology Corp SH7021 Datasheet HTML 86Page - Renesas Technology Corp SH7021 Datasheet HTML 87Page - Renesas Technology Corp SH7021 Datasheet HTML 88Page - Renesas Technology Corp SH7021 Datasheet HTML 89Page - Renesas Technology Corp SH7021 Datasheet HTML 90Page - Renesas Technology Corp SH7021 Datasheet HTML 91Page - Renesas Technology Corp SH7021 Datasheet HTML 92Page - Renesas Technology Corp SH7021 Datasheet HTML 93Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 509 page
background image
70 RENESAS
5.4
Interrupt Operation
5.4.1
Interrupt Sequence
The sequence of interrupt operations will be explained below. Figure 5.2 is a flowchart of the
operations up to acceptance of the interrupt.
1. The interrupt request sources send interrupt request signals to the interrupt controller.
2. The interrupt controller selects the highest-priority interrupt in the interrupt requests sent,
following the priority order indicated in table 5.3 and the levels set in interrupt priority
registers A–E (IPRA–IPRE). Lower priority interrupts are ignored*. If two interrupts with the
same priority level are requested simultaneously or if there are multiple interrupts occurring
within a single module, the interrupt with the highest default priority or priority within module
as indicated in table 5.3 is selected.
3. The interrupt controller compares the priority level of the selected interrupt request with the
interrupt mask level bits (I3–I0) in the CPU’s status register (SR). If the request priority level
is equal to or less than the interrupt mask level, the request is ignored. If the request priority
level is higher than the interrupt mask level, the interrupt controller accepts the request and
sends an interrupt request signal to the CPU.
4. When the interrupt controller accepts an interrupt request, it drives the pin
IRQOUT low.
5. The CPU detects the interrupt request sent from the interrupt controller when it decodes the
next instruction to be executed. Instead of executing that instruction, the CPU starts interrupt
exception processing.
6. In interrupt exception processing, first SR and PC are pushed onto the stack.
7. The priority level of the accepted interrupt is copied to the interrupt mask level bits (I3–I0) in
the status register (SR).
8. When the accepted interrupt is level-sensed or from an on-chip peripheral module, The pin
IRQOUT returns to the high level. If the accepted interrupt is edge-sensed, the pin IRQOUT
returns to the high level when the instruction to be executed by the CPU in (5) is replaced by
the interrupt exception processing. If the interrupt controller has accepted another interrupt (of
a level higher than the current interrupt), however, the pin
IRQOUT remains low.
9. The CPU accesses the exception vector table at the entry for the vector number of the accepted
interrupt, reads the start address of the exception service routine, branches to that address, and
starts executing the program there. This branch is not delayed.
Note:
A request for an external interrupt (IRQ) designated as edge-detected is held pending once
only. An external interrupt designated as level-detected is held pending as long as the
interrupt request continues, but if the request is cleared before the CPU next accepts an
interrupt, the interrupt request is regarded as not having been made.
Interrupt requests from on-chip supporting modules are level requests. When the status
flag in a particular module is set, an interrupt is requested. For details, see the descriptions
of the individual modules. Note that the interrupt request will be continued unless an



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com