Electronic Components Datasheet Search
  English  ▼

X  

SH7021 Datasheet(PDF) 34 Page - Renesas Technology Corp

Part # SH7021
Description  SuperH??RISC engine
PDF  509 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7021 Datasheet(HTML) 34 Page - Renesas Technology Corp

Back Button SH7021 Datasheet HTML 30Page - Renesas Technology Corp SH7021 Datasheet HTML 31Page - Renesas Technology Corp SH7021 Datasheet HTML 32Page - Renesas Technology Corp SH7021 Datasheet HTML 33Page - Renesas Technology Corp SH7021 Datasheet HTML 34Page - Renesas Technology Corp SH7021 Datasheet HTML 35Page - Renesas Technology Corp SH7021 Datasheet HTML 36Page - Renesas Technology Corp SH7021 Datasheet HTML 37Page - Renesas Technology Corp SH7021 Datasheet HTML 38Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 509 page
background image
RENESAS 13
1.3.3
Pin Layout by Mode
Table 1.4 shows pin layout by mode
Table 1.4 Pin Layout by Mode
Pin
No.
MCU Mode
PROM Mode
(SH7021PR-
OM version)
Pin
No.
MCU Mode
PROM Mode
(SH7021PR-
OM version)
1
AD0
AD0
29
A8
A8
2
AD1
AD1
30
A9
OE
3
AD2
AD2
31
A10
A10
4
Vss
Vss
32
VSS
VSS
5
AD3
AD3
33
A11
A11
6
AD4
AD4
34
A12
A12
7
AD5
AD5
35
A13
A13
8
AD6
AD6
36
A14
A14
9
AD7
AD7
37
A15
A15
10
AD8
NC
38
VCC
VCC
11
AD9
NC
39
A16
A16
12
AD10
NC
40
A17
VCC
13
VCC
VCC
41
VSS
VSS
14
AD11
NC
42
A18
VCC
15
VSS
VSS
43
A19
NC
16
AD12
NC
44
A20
NC
17
AD13
NC
45
A21
NC
18
AD14
NC
46
CS0
NC
19
AD15
NC
47
CS1/CASH
NC
20
A0(HBS)A0
48
CS2
NC
21
A1
A1
49
CS3/CASL
NC
22
A2
A2
50
VSS
VSS
23
A3
A3
51
PA0/CS4/TIOCA0
NC
24
VSS
VSS
52
PA1/CS5/RAS
NC
25
A4
A4
53
PA2/CS6/ TIOCB0
PGM
26
A5
A5
54
PA3/CS7/WAIT
CE
27
A6
A6
55
PA4/WRL(WR)NC
28
A7
A7
56
PA5/WRH(LBS)NC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com