Electronic Components Datasheet Search
  English  ▼

X  

SH7021 Datasheet(PDF) 72 Page - Renesas Technology Corp

Part # SH7021
Description  SuperH??RISC engine
PDF  509 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7021 Datasheet(HTML) 72 Page - Renesas Technology Corp

Back Button SH7021 Datasheet HTML 68Page - Renesas Technology Corp SH7021 Datasheet HTML 69Page - Renesas Technology Corp SH7021 Datasheet HTML 70Page - Renesas Technology Corp SH7021 Datasheet HTML 71Page - Renesas Technology Corp SH7021 Datasheet HTML 72Page - Renesas Technology Corp SH7021 Datasheet HTML 73Page - Renesas Technology Corp SH7021 Datasheet HTML 74Page - Renesas Technology Corp SH7021 Datasheet HTML 75Page - Renesas Technology Corp SH7021 Datasheet HTML 76Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 509 page
background image
52 RENESAS
3. Clears the vector base register (VBR) to H'00000000, and sets interrupt mask bits I3–I0 in the
status register (SR) to H'F (1111).
4. Loads the values read from the exception vector table into PC and SP and starts program
execution.
Further, make sure to carry out a power-on reset when turning on the power of the system.
4.2.3
Manual Reset
When the NMI pin is high, a low input at the
RES pin drives the chip into the manual reset state.
To be assured of resetting the LSI, drive the
RES pin low for at least 20 tcyc. A manual reset
initializes the internal state of the CPU and all registers of the on-chip peripheral modules except
the bus state controller, pin function controller and I/O ports. Since a manual reset does not affect
the bus state controller, the DRAM refresh control function operates even if the manual reset state
continues for a long time. When a manual reset is performed during the bus cycle, the manual
reset exception processing waits for the end of the bus cycle before beginning. The manual reset
thus cannot be used to abort the bus cycle. For the pin states during the manual reset state, see
appendix B, Pin States.
While the NMI pin remains low, if the
RES pin is held low for a certain time then driven high in
the manual reset state, manual reset exception processing begins. The CPU carries out the same
operations as for a power-on reset.
4.3
Address Errors
4.3.1
Address Error Sources
Address errors occur during instruction fetches and data reading/writing as shown in table 4.5.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com