Electronic Components Datasheet Search
  English  ▼

X  

SH7021 Datasheet(PDF) 87 Page - Renesas Technology Corp

Part # SH7021
Description  SuperH??RISC engine
PDF  509 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7021 Datasheet(HTML) 87 Page - Renesas Technology Corp

Back Button SH7021 Datasheet HTML 83Page - Renesas Technology Corp SH7021 Datasheet HTML 84Page - Renesas Technology Corp SH7021 Datasheet HTML 85Page - Renesas Technology Corp SH7021 Datasheet HTML 86Page - Renesas Technology Corp SH7021 Datasheet HTML 87Page - Renesas Technology Corp SH7021 Datasheet HTML 88Page - Renesas Technology Corp SH7021 Datasheet HTML 89Page - Renesas Technology Corp SH7021 Datasheet HTML 90Page - Renesas Technology Corp SH7021 Datasheet HTML 91Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 509 page
background image
68 RENESAS
5.3
Register Descriptions
5.3.1
Interrupt Priority Registers A–E (IPRA–IPRE)
The five registers from IPRA–IPRE are 16-bit read/write registers that assign priority levels from
0–15 to the IRQ and on-chip peripheral module interrupt sources. Interrupt request sources are
mapped onto IPRA–IPRE as shown in table 5.4.
Bit:
15
14
13
12
11
10
9
8
Bit name:
Initial value:
0
0
0
0
0
0
0
0
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bit:
7
6
5
4
3
2
1
0
Bit name:
Initial value:
0
0
0
0
0
0
0
0
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Table 5.4
Interrupt Request Sources and IPRA–IPRE
Register
Bits 15–12
Bits 11–8
Bits 7–4
Bits 3–0
IPRA
IRQ0
IRQ1
IRQ2
IRQ3
IPRB
IRQ4
IRQ5
IRQ6
IRQ7
IPRC
DMAC0, DMAC1
DMAC2, DMAC3
ITU0
ITU1
IPRD
ITU2
ITU3
ITU4
SCI0
IPRE
SCI1
PRT*1
WDT, REF*2
(Reserved)*3
Notes: 1. PRT: Parity control unit of bus state controller. See section 8, Bus State Controller, for
details.
2. REF: DRAM refresh control unit of bus controller. See section 8, Bus State Controller,
for details.
3. When read, always 0. Always write 0 in reserved bits.
As indicated in table 5.4, four
IRQ pins or four groups of on-chip peripheral modules are assigned
to each interrupt priority register. The priority levels for the four pins or groups can be set by
setting the corresponding 4-bit groups of bits 15–12, bits 11–8, bits 7–4, and bits 3–0 (of IPRA–
IPRE) with values in the range of H'0 (0000) to H'F (1111). Setting H'0 gives interrupt priority
level 0 (the lowest). Setting H'F gives level 15 (the highest). When two on-chip peripheral
modules are assigned to the same bits (DMAC0 and DMAC1, or DMAC2 and DMAC3, or the
watchdog timer and DRAM refresh control unit), those two modules have the same priority. A
reset initializes IPRA–IPRE to H'0000. They are not initialized by the standby mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com