Electronic Components Datasheet Search
  English  ▼

X  

SH7021 Datasheet(PDF) 92 Page - Renesas Technology Corp

Part # SH7021
Description  SuperH??RISC engine
PDF  509 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7021 Datasheet(HTML) 92 Page - Renesas Technology Corp

Back Button SH7021 Datasheet HTML 88Page - Renesas Technology Corp SH7021 Datasheet HTML 89Page - Renesas Technology Corp SH7021 Datasheet HTML 90Page - Renesas Technology Corp SH7021 Datasheet HTML 91Page - Renesas Technology Corp SH7021 Datasheet HTML 92Page - Renesas Technology Corp SH7021 Datasheet HTML 93Page - Renesas Technology Corp SH7021 Datasheet HTML 94Page - Renesas Technology Corp SH7021 Datasheet HTML 95Page - Renesas Technology Corp SH7021 Datasheet HTML 96Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 509 page
background image
RENESAS 73
5.5
Interrupt Response Time
Table 5.5 indicates the interrupt response time, which is the time from the occurrence of an
interrupt request until the interrupt exception processing starts and fetching of the first instruction
of the interrupt service routine begins. Figure 5.4 shows the pipeline when an IRQ interrupt is
accepted.
Table 5.5
Interrupt Response Time
Number of States
Item
NMI or On-Chip
Interrupt
IRQ
Notes
Interrupt priority decision
and comparison with SR
mask bit
23
Wait for completion of
sequence currently being
executed by CPU
X (
≥ 0)
The longest sequence is the
interrupt or address error
exception processing
sequence: X = 4 + m1 + m2
+ m3 + m4. If an interrupt-
masking instruction follows,
however, the time may be
longer.
Time from interrupt
exception processing
(saving PC and SR and
fetching vector address)
until fetching of first
instruction of interrupt
service routine starts
5 + m1 + m2 + m3
Interrupt
Total
7 + m1 + m2 + m3
8 + m1 + m2 + m3
response
Minimum
10
11
0.50–0.55
µs at 20 MHz
Maximum
11 + 2(m1 + m2 +
m3) + m4
12 + 2(m1 + m2 +
m3) + m4
(m1 = m2 = m3 = m4) 0.90–
0.95
µs at 20 MHz
Notes: m1–m4 are the number of states needed for the following memory accesses:
m1: SR save cycle (long word write)
m2: PC save cycle (long word write)
m3: Vector address read cycle (long word read)
m4: Fetch top instruction of interrupt service routine



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com