Electronic Components Datasheet Search
  English  ▼

X  

SH7021 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # SH7021
Description  SuperH??RISC engine
PDF  509 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7021 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button SH7021 Datasheet HTML 2Page - Renesas Technology Corp SH7021 Datasheet HTML 3Page - Renesas Technology Corp SH7021 Datasheet HTML 4Page - Renesas Technology Corp SH7021 Datasheet HTML 5Page - Renesas Technology Corp SH7021 Datasheet HTML 6Page - Renesas Technology Corp SH7021 Datasheet HTML 7Page - Renesas Technology Corp SH7021 Datasheet HTML 8Page - Renesas Technology Corp SH7021 Datasheet HTML 9Page - Renesas Technology Corp SH7021 Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 509 page
background image
Introduction
The SH7020 and SH7021 are part of a new generation of reduced instruction-set computer-type
(RISC) microcomputers that integrate RISC-type CPUs and the peripheral functions required for
system configuration onto a single chip to achieve high-performance operations processing. They
can operate in a power-down state, which is an essential feature for portable equipment.
The SH7020 and SH7021 CPUs have RISC-type instruction sets. Basic instructions can be
executed in a single clock cycle, which strikingly improves instruction execution speed. The
SH7020 and SH7021 include peripheral functions such as large-capacity ROM (PROM or masked
ROM), RAM, a direct memory access controller (DMAC), timers, a serial communication
interface (SCI), an interrupt controller (INTC), and I/O ports. These on-chip elements enable
users to construct systems with the fewest possible components. External memory access support
functions enable direct connection to SRAM and DRAM. without the use of glue logics.
This Hardware Manual describes in detail the hardware functions of the SH7020 and SH7021. For
information on the instructions, please refer to the Programming Manual.
Related Manuals
SH7000 Series Instructions
"SH-1/SH-2/SH-DSP Programming Manual"
For development support tools, contact your Hitachi sales office.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com