| Electronic Components Datasheet Search |
|
SH7021 Datasheet(PDF) 378 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7021 Datasheet(HTML) 378 Page - Renesas Technology Corp |
|
378 / 509 page ![]() RENESAS 363 Table 13.7 Maximum Bit Rates during External Clock Input (Clocked Synchronous Mode) φ (MHz) External Input Clock (MHz) Maximum Bit Rate (bits/s) 2 0.3333 333333.3 4 0.6667 666666.7 6 1.0000 1000000.0 8 1.3333 1333333.3 10 1.6667 1666666.7 12 2.0000 2000000.0 14 2.3333 2333333.3 16 2.6667 2666666.7 18 3.0000 3000000.0 20 3.3333 3333333.3 13.3 Operation 13.3.1 Overview The SCI has an asynchronous mode in which characters are synchronized individually, and a clocked synchronous mode in which communication is synchronized with clock pulses. Serial communication is possible in either mode. Asynchronous/clocked synchronous mode and the communication format are selected in the serial mode register (SMR), as shown in table 13.8. The SCI clock source is selected by the C/A bit in the serial mode register (SMR) and the CKE1 and CKE0 bits in the serial control register (SCR), as shown in table 13.9. Asynchronous Mode: • Data length is selectable: seven or eight bits. • Parity and multiprocessor bits are selectable. So is the stop bit length (one or two bits). The preceding selections constitute the communication format and character length. • In receiving, it is possible to detect framing errors (FER), parity errors (PER), overrun errors (ORER), and the break state. • An internal or external clock can be selected as the SCI clock source. When an internal clock is selected, the SCI operates using the on-chip baud rate generator, and can output a serial clock signal with a frequency matching the bit rate. When an external clock is selected, the external clock input must have a frequency 16 times the bit rate. (The on-chip baud rate generator is not used.) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |