Electronic Components Datasheet Search
  English  ▼

X  

SH7021 Datasheet(PDF) 108 Page - Renesas Technology Corp

Part # SH7021
Description  SuperH??RISC engine
PDF  509 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7021 Datasheet(HTML) 108 Page - Renesas Technology Corp

Back Button SH7021 Datasheet HTML 104Page - Renesas Technology Corp SH7021 Datasheet HTML 105Page - Renesas Technology Corp SH7021 Datasheet HTML 106Page - Renesas Technology Corp SH7021 Datasheet HTML 107Page - Renesas Technology Corp SH7021 Datasheet HTML 108Page - Renesas Technology Corp SH7021 Datasheet HTML 109Page - Renesas Technology Corp SH7021 Datasheet HTML 110Page - Renesas Technology Corp SH7021 Datasheet HTML 111Page - Renesas Technology Corp SH7021 Datasheet HTML 112Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 509 page
background image
90 RENESAS
XTAL
EXTAL
C
L1 = CL2 = IC–22 pF
C
L1
C
L2
Rd
Figure 7.2 Connection of the Crystal Resonator (Example)
Table 7.1
Damping Resistance
Frequency [MHz]
24812
16
20
Rd [
Ω]
1k
500
200
0
0
0
Crystal Resonator: Figure 7.3 shows an equivalent circuit of the crystal resonator. Use a crystal
resonator with the characteristics listed in table 7.2.
C
0
XTAL
EXTAL
C
L
LRs
Figure 7.3 Crystal Resonator Equivalent Circuit
Table 7.2
Crystal Resonator Parameters
Frequency (MHz)
Parameter
2
4
8
12
16
20
Rs max [
Ω]
500
120
80
60
50
40
Co max [pF]
7
7
7
7
7
7
Value to be determined (TBD)
7.2.2
External Clock Input
An external clock signal can be input at the EXTAL pin as shown in figure 7.6. The XTAL pin
should be left open. The frequency must be equal to the system clock (CK) frequency. The
specifications for the waveform of the external clock input are given below. Make the external
clock frequency the same as the system clock (CK).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com