Electronic Components Datasheet Search
  English  ▼

X  

4501 Datasheet(PDF) 167 Page - Renesas Technology Corp

Part # 4501
Description  4-BIT CISC SINGLE-CHIP MICROCOMPUTER 4500 SERIES
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4501 Datasheet(HTML) 167 Page - Renesas Technology Corp

Back Button 4501 Datasheet HTML 163Page - Renesas Technology Corp 4501 Datasheet HTML 164Page - Renesas Technology Corp 4501 Datasheet HTML 165Page - Renesas Technology Corp 4501 Datasheet HTML 166Page - Renesas Technology Corp 4501 Datasheet HTML 167Page - Renesas Technology Corp 4501 Datasheet HTML 168Page - Renesas Technology Corp 4501 Datasheet HTML 169Page - Renesas Technology Corp 4501 Datasheet HTML 170Page - Renesas Technology Corp 4501 Datasheet HTML 171Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 167 / 212 page
background image
2.8 Oscillation circuit
2-50
Rev.2.01
Feb 07, 2005
4501 Group
APPLICATION
REJ09B0192-0201
(3)
Ceramic resonator
When the ceramic resonator is used as the
source oscillation (f(XIN)), connect the ceramic
resonator and the external circuit to pins XIN
and XOUT at the shortest distance. Then,
execute the CMCK instruction. A feedback
resistor is built in between pins XIN and XOUT
(Figure 2.8.3).
As for the oscillation frequency, do not exceed
the values shown in the Table 2.8.1.
Fig. 2.8.3 Ceramic resonator external circuit
4501
XIN
XOUT
Rd
CIN
COUT
Execute the CMCK instruction in
program.
Note: Externally connect a damping
resistor Rd depending on the
oscillation frequency.
(A feedback resistor is built-in.)
Use the resonator manu-
facturer’s recommended value
because constants such as
capacitance depend on the
resonator.
Supply voltage
2.7 V (Note) to 5.5 V
(System clock)
(f(XIN))
High-speed mode
(f(XIN)/2) Middle-speed mode
(f(XIN)/4) Low-speed mode
(f(XIN)/8) Default mode
Oscillation frequency
4.4 MHz
Note: System is in the reset state when the value is under the detection voltage.
Table 2.8.1 Maximum value of oscillation frequency and supply voltage
(4)
RC oscillation
When the RC oscillation is used as the source
oscillation (f(XIN)), connect the XIN pin to the
external circuit of resistor R and the capacitor
C at the shortest distance and leave XOUT
pin open. Then, execute the CRCK instruction
(Figure 2.8.4).
The frequency is affected by a capacitor, a
resistor and a microcomputer.
So, set the constants within the range of the
frequency limits.
Fig. 2.8.4 External RC oscillation circuit
4501
XIN
XOUT
R
C
*
Execute the CRCK
instruction in program.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com