Electronic Components Datasheet Search
  English  ▼

X  

4501 Datasheet(PDF) 166 Page - Renesas Technology Corp

Part # 4501
Description  4-BIT CISC SINGLE-CHIP MICROCOMPUTER 4500 SERIES
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4501 Datasheet(HTML) 166 Page - Renesas Technology Corp

Back Button 4501 Datasheet HTML 162Page - Renesas Technology Corp 4501 Datasheet HTML 163Page - Renesas Technology Corp 4501 Datasheet HTML 164Page - Renesas Technology Corp 4501 Datasheet HTML 165Page - Renesas Technology Corp 4501 Datasheet HTML 166Page - Renesas Technology Corp 4501 Datasheet HTML 167Page - Renesas Technology Corp 4501 Datasheet HTML 168Page - Renesas Technology Corp 4501 Datasheet HTML 169Page - Renesas Technology Corp 4501 Datasheet HTML 170Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 212 page
background image
2.8 Oscillation circuit
2-49
4501 Group
APPLICATION
Rev.2.01
Feb 07, 2005
REJ09B0192-0201
2.8 Oscillation circuit
The 4501 Group has an internal oscillation circuit to produce the clock required for microcomputer operation.
The ceramic resonance and the RC oscillation can be used for the source clock.
After system is released from reset, the 4501 Group starts operation by the clock output from the on-chip
oscillator which is the internal oscillator.
Fig. 2.8.1 Switch to ceramic resonance/RC oscillation
Reset
On-chip oscillator
operation
CMCK instruction
CRCK instruction
• Ceramic resonator valid
• On-chip oscillator stop
• RC oscillation stop
• RC oscillation valid
• On-chip oscillator stop
• Ceramic resonator stop
2.8.1 Oscillation circuit
(1)
f(XIN) clock generating circuit
The ceramic resonator or RC oscillation can
be used for the source oscillation (f(XIN)) of
the MCU.
After system is released from reset, the 4501
Group starts operation by the clock output from
the on-chip oscillator which is the internal
oscillator.
When the ceramic resonator is used, execute
the CMCK instruction. When the RC oscillation
is used, execute the CRCK instruction. The
oscillation circuit by the CMCK or CRCK
instruction can be selected only at once. The
oscillation circuit corresponding to the first
executed one of these two instructions is valid.
Other oscillation circuit and the on-chip
oscillator stop.
Execute the CMCK or the CRCK instruction
in the initial setting routine of program
(executing it in address 0 in page 0 is
recommended). Also, when the CMCK or the
CRCK instruction is not executed in program,
the 4501 Group operates by the on-chip
oscillator.
(2)
On-chip oscillator operation
When the MCU operates by the on-chip
oscillator as the source oscillation (f(XIN))
without using the ceramic resonator or the
RC oscillator, connect XIN pin to VSS and leave
XOUT pin open (Figure 2.8.2).
The clock frequency of the on-chip oscillator
depends on the supply voltage and the
operation temperature range.
Be careful that variable frequencies when
designing application products.
Fig. 2.8.2 Handling of XIN and XOUT when operating
on-chip oscillator
4501
XIN
XOUT
*
Do not use the CMCK instruction
and CRCK instruction in program.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com