Electronic Components Datasheet Search
  English  ▼

X  

PCI2040 Datasheet(PDF) 43 Page - Texas Instruments

Click here to check the latest version.
Part # PCI2040
Description  PCI2040 PCI-DSP Bridge controller
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI2040 Datasheet(HTML) 43 Page - Texas Instruments

Back Button PCI2040 Datasheet HTML 39Page - Texas Instruments PCI2040 Datasheet HTML 40Page - Texas Instruments PCI2040 Datasheet HTML 41Page - Texas Instruments PCI2040 Datasheet HTML 42Page - Texas Instruments PCI2040 Datasheet HTML 43Page - Texas Instruments PCI2040 Datasheet HTML 44Page - Texas Instruments PCI2040 Datasheet HTML 45Page - Texas Instruments PCI2040 Datasheet HTML 46Page - Texas Instruments PCI2040 Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 79 page
background image
4–11
4.18 Interrupt Pin Register
The interrupt pin register tells which interrupt the device uses. This register is hardwired to 01h in the PCI2040 to
indicate that INTA will be used.
Bit
7
6
5
4
3
2
1
0
Name
Interrupt pin
Type
R
R
R
R
R
R
R
R
Default
0
0
0
0
0
0
0
1
Register:
Interrupt pin
Type:
Read-only
Offset:
3Dh
Default:
01h
4.19 MIN_GNT Register
This register specifies the length of the burst period for the device needs in 0.25
µsec units. The default value for this
register is 00h as the PCI2040 is a target-only device.
Bit
7
6
5
4
3
2
1
0
Name
MIN_GNT
Type
R
R
R
R
R
R
R
R
Default
0
0
0
0
0
0
0
0
Register:
MIN_GNT
Type:
Read-only
Offset:
3Eh
Default:
00h
4.20 MAX_LAT Register
This register specifies how often the device needs to gain access to the PCI bus in 0.25
µsec units. The default value
for this register is 00h as the PCI2040 is a target-only device.
Bit
7
6
5
4
3
2
1
0
Name
MAX_LAT
Type
R
R
R
R
R
R
R
R
Default
0
0
0
0
0
0
0
0
Register:
MAX_LAT
Type:
Read-only
Offset:
3Fh
Default:
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com