Electronic Components Datasheet Search
  English  ▼

X  

PCI2040 Datasheet(PDF) 63 Page - Texas Instruments

Click here to check the latest version.
Part # PCI2040
Description  PCI2040 PCI-DSP Bridge controller
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI2040 Datasheet(HTML) 63 Page - Texas Instruments

Back Button PCI2040 Datasheet HTML 59Page - Texas Instruments PCI2040 Datasheet HTML 60Page - Texas Instruments PCI2040 Datasheet HTML 61Page - Texas Instruments PCI2040 Datasheet HTML 62Page - Texas Instruments PCI2040 Datasheet HTML 63Page - Texas Instruments PCI2040 Datasheet HTML 64Page - Texas Instruments PCI2040 Datasheet HTML 65Page - Texas Instruments PCI2040 Datasheet HTML 66Page - Texas Instruments PCI2040 Datasheet HTML 67Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 79 page
background image
6–5
6.2.6
HPI Memory Access During Reset
The DSP is not operational during reset, but the host can access the HPI hereby allowing the program or data to be
downloaded to the HPI memory. However to use this capability, it is convenient for the host to control the DSP’s reset.
Initially, the host stops accessing the HPI at least six DSP periods before driving the DSP reset line low. The HPI mode
is set to HOM during the reset and the host can start accessing the HPI after four DSP periods.
Once the host has finished downloading into the HPI memory, the host stops accessing the HPI and drives the C5x
reset line. At least 20 clock periods after the reset line rising high, the host can again start accessing the HPI. HPI
mode is automatically set to SAM upon exiting reset.
6.2.7
Examples of Transactions Targeting the C54X
In order to describe how the PCI2040 translates PCI cycles into 8-bit host port transactions the following examples
are provided. In each example, the following information is common:
1.
The control space base address (PCI offset 14h) contains FFEF0000h.
2.
There are four TMS320C5410s behind the PCI2040.
6.2.7.1 PCI Word Write
In the first example depicted in Figure 6–2, a PCI write transaction with address FFEF1800, byte enables of 1100b,
and a single data phase of the PCI bus occurs. The data is DDCCBBAAh. The PCI2040 takes this PCI transaction
and translates it to an 8-bit host port transaction. The event flow is as follows:
1.
The host port is idle.
2.
HCNTL0 and HCNTL1 are driven high indicating to the C5410 that this transaction is going to target the
HPID without auto-increment enabled. The HR/W is driven low indicating to the C5410 that this transaction
is a write.
3.
HCS0 is asserted indicating that this transaction is targeting DSP0. The first byte or half-word is driven onto
the HAD bus. Notice the upper eight data lines (HAD15–HAD8) are not used. Only the lower eight data lines
are used when communicating with the C5410. Also, during clock 3, the HDS is asserted. During this time,
the C5410 latches the values of HCNTL1, HCNTL0, HWIL, and HR/W.
4.
The PCI2040 samples the state of HRDY5X0. If the C5410 indicates it is not ready, then the PCI2040 waits
until the C5410 indicates it is ready before it deasserts HDS and HWIL.
5.
Because the state of the HRDY5X0 signal indicates the C5410 is ready, the PCI2040 deasserts HDS. The
C5410 latches the data, AAh, on the rising edge of HDS. The HWIL is driven high.
6.
During clock 6, the PCI2040 starts driving the second byte or half word onto the HAD bus. Please note that
the PCI bus uses little endian notation. For this reason, the PCI2040 transfers the least significant byte first
followed by the next least significant byte.
7.
Same as Step 4.
8.
Same as Step 5 except the data latched is BBh and the HCS0 is deasserted indicating the end of the
transaction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com