Electronic Components Datasheet Search
  English  ▼

X  

PCI2040 Datasheet(PDF) 34 Page - Texas Instruments

Click here to check the latest version.
Part # PCI2040
Description  PCI2040 PCI-DSP Bridge controller
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI2040 Datasheet(HTML) 34 Page - Texas Instruments

Back Button PCI2040 Datasheet HTML 30Page - Texas Instruments PCI2040 Datasheet HTML 31Page - Texas Instruments PCI2040 Datasheet HTML 32Page - Texas Instruments PCI2040 Datasheet HTML 33Page - Texas Instruments PCI2040 Datasheet HTML 34Page - Texas Instruments PCI2040 Datasheet HTML 35Page - Texas Instruments PCI2040 Datasheet HTML 36Page - Texas Instruments PCI2040 Datasheet HTML 37Page - Texas Instruments PCI2040 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 79 page
background image
4–2
A bit description table is typically included that indicates bit field names, a detailed field description, and field access
tags. Table 4–2 describes the field access tags.
Table 4–2. Bit Field Access Tag Descriptions
ACCESS
TAG
NAME
MEANING
R
Read
Field may be read by software.
W
Write
Field may be written by software to any value.
S
Set
Field may be set by a write of 1. Writes of 0 have no effect.
C
Clear
Field may be cleared by a write of one. Writes of 0 have no effect.
U
Update
Field may be autonomously updated by PCI2040.
4.2
Vendor and Device ID Register
The vendor and device ID register returns AC60104Ch when read which consists of a unique device ID assigned by
TI (AC60h) and a value assigned by the PCI SIG to Texas Instruments (104Ch).
Bit
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Name
Device ID
Type
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
Default
1
0
1
0
1
1
0
0
0
1
1
0
0
0
0
0
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Name
Vendor ID
Type
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
Default
0
0
0
1
0
0
0
0
0
1
0
0
1
1
0
0
Register:
Vendor and device ID
Type:
Read-only
Offset:
00h
Default:
AC60104Ch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com