Electronic Components Datasheet Search
  English  ▼

X  

PCI2040 Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # PCI2040
Description  PCI2040 PCI-DSP Bridge controller
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI2040 Datasheet(HTML) 20 Page - Texas Instruments

Back Button PCI2040 Datasheet HTML 16Page - Texas Instruments PCI2040 Datasheet HTML 17Page - Texas Instruments PCI2040 Datasheet HTML 18Page - Texas Instruments PCI2040 Datasheet HTML 19Page - Texas Instruments PCI2040 Datasheet HTML 20Page - Texas Instruments PCI2040 Datasheet HTML 21Page - Texas Instruments PCI2040 Datasheet HTML 22Page - Texas Instruments PCI2040 Datasheet HTML 23Page - Texas Instruments PCI2040 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 79 page
background image
2–8
Table 2–7. Compact PCI Hot Swap Interface
TERMINAL
NAME
NO.
I/O
DESCRIPTION
NAME
PGE
GGU
I/O
DESCRIPTION
HSENUM
71
N12
O
Hot swap ENUM. This is an active low open drain signaling output that is asserted when either bit 7 (INS)
or bit 6 (EXT) are set and bit 1 (EIM) is cleared in the CPCI hot swap control and status register (see
Section 4.35). This output indicates to the system that an insertion event occurred or that a removal event
is about to occur.
HSLED
72
M12
O
Hot swap LED. This output is controlled via bit 3 (LOO) in the CPCI hot swap control and status register
(see Section 4.35) and is provided to indicate when a hot-swap device is about to be removed. When
PCI_RST is asserted to PCI2040, it drives this LED output until the serial ROM has completed preload
and the ejector switch has been closed indicated by the HSSWITCH input.
HSSWITCH
73
N13
I
Hot swap handle switch. This input provides status of the ejector handle state and is used in the bit 7 (INS)
and bit 6 (EXT) logic in the CPCI hot swap control and status register (see Section 4.35). The status of
HSSWITCH is not directly read via CPCI hot swap control and status register but can be read through bit 8
(HSSWITCH_STS) in the miscellaneous control register (see Section 4.26).
Table 2–8. General-Purpose Bus Interface
TERMINAL
NAME
NO.
I/O
DESCRIPTION
NAME
PGE
GGU
I/O
DESCRIPTION
GPD15
GPD14
GPD13
GPD12
GPD11
GPD10
GPD9
GPD8
GPD7
GPD6
GPD5
GPD4
GPD3
GPD2
GPD1
GPD0
100
99
98
97
96
94
93
92
90
89
88
86
85
84
83
82
E10
E11
E12
E13
F10
F12
F13
G10
G13
G12
H13
H11
H10
J13
J12
J11
I/O
GP data bus. 16-bit data bus.
GPA5
GPA4
GPA3
GPA2
GPA1
GPA0
106
107
108
109
110
111
C11
B13
B12
A13
A12
B11
I/O
GP address lines. 6-bit address bus.
GP_CS
112
A11
O
GP chip select
GP_INT
74
M13
I/O
GP interrupt. Interrupt from a device on the GP bus.
GP_RD
130
B6
I/O
GP read.
GP_RDY
75
L12
I/O
GP ready. Whenever the device on the GP bus is ready to accept a read or write from PCI2040, GP_RDY
is asserted. GP_RDY is deasserted when the device is in recovery from a read or write operation.
GP_RST
70
L11
O
GP reset. An active low output that will follow the state of GRST.
GP_WR
129
A6
I/O
GP write.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com