Electronic Components Datasheet Search
  English  ▼

X  

PCI2040 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # PCI2040
Description  PCI2040 PCI-DSP Bridge controller
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI2040 Datasheet(HTML) 11 Page - Texas Instruments

Back Button PCI2040 Datasheet HTML 7Page - Texas Instruments PCI2040 Datasheet HTML 8Page - Texas Instruments PCI2040 Datasheet HTML 9Page - Texas Instruments PCI2040 Datasheet HTML 10Page - Texas Instruments PCI2040 Datasheet HTML 11Page - Texas Instruments PCI2040 Datasheet HTML 12Page - Texas Instruments PCI2040 Datasheet HTML 13Page - Texas Instruments PCI2040 Datasheet HTML 14Page - Texas Instruments PCI2040 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 79 page
background image
1–1
1 Introduction
1.1
Description
The TI PCI2040 is a PCI-DSP bridge that provides a glueless connection between the 8-bit host port interface (HPI)
port on the TMS320C54X or the 16-bit HPI port on TMS320C6X to the high performance PCI bus. It provides a PCI
bus target interface compliant with the
PCI Local Bus Specification.
The PCI2040 provides several external interfaces: the PCI bus interface with compact PCI support, the HPI port
interface with support for up to four DSPs, a serial ROM interface, a general-purpose input/output interface (GPIOs),
and a 16-bit general-purpose bus to provide a glueless interface to TI JTAG test bus controller (TBC). The PCI2040
universal target-only PCI interface is compatible with 3.3-V or 5-V signaling environments.
The PCI2040 interfaces with DSPs via a data bus (HPI port). The PCI2040 also provides a serial ROM interface for
preloading several registers including the subsystem ID and subsystem vendor ID.
The PCI2040, compliant with the latest
PCI Bus Power Management Interface Specification, provides several
low-power features that reduce power consumption. Furthermore, an advanced CMOS process achieves low system
power consumption.
Unused PCI2040 inputs must be pulled to a valid logic level using a pullup resistor.
1.2
Features
The PCI2040 supports the following features:
•
PCI bus target only, supporting both single-word reads and writes
•
Write transaction posting for improved PCI bus performance
•
Provides glueless interface to host port interface (HPI) port of C54x and/or C6x
•
Up to four DSP devices on HPI
•
Allows direct access to program and control external devices connected to PCI2040
•
Serial ROM interface for loading subsystem ID and subsystem vendor ID
•
A 16-bit general-purpose bus (GPB) that provides glueless interface to TI JTAG TBC
•
3.3-V core logic with universal PCI interface compatible with 3.3-V or 5-V signaling environments
•
Advanced submicron, low-power CMOS technology
•
144-pin device and choice of surface mount packaging: TQFP or 12 mm x 12 mm MicroStar BGA
•
Up to 33 MHz PCI bus frequency
1.3
Related Documents
•
Compact PCI Hot Swap Specification PICMG 2.1 (Revision 1.0)
•
PCI Bus Power Management Interface Specification (Revision 1.1)
•
PCI Local Bus Specification (Revision 2.2)
•
PC 98/99
1.4
Ordering Information
ORDERING NUMBER
NAME
VOLTAGE
PACKAGE
PCI2040
PCI-DSP Bridge Controller
3.3 V, 5-V Tolerant I/Os
144-pin LQFP
144-ball PBGA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com