Electronic Components Datasheet Search
  English  ▼

X  

PCI2040 Datasheet(PDF) 53 Page - Texas Instruments

Click here to check the latest version.
Part # PCI2040
Description  PCI2040 PCI-DSP Bridge controller
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI2040 Datasheet(HTML) 53 Page - Texas Instruments

Back Button PCI2040 Datasheet HTML 49Page - Texas Instruments PCI2040 Datasheet HTML 50Page - Texas Instruments PCI2040 Datasheet HTML 51Page - Texas Instruments PCI2040 Datasheet HTML 52Page - Texas Instruments PCI2040 Datasheet HTML 53Page - Texas Instruments PCI2040 Datasheet HTML 54Page - Texas Instruments PCI2040 Datasheet HTML 55Page - Texas Instruments PCI2040 Datasheet HTML 56Page - Texas Instruments PCI2040 Datasheet HTML 57Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 79 page
background image
5–1
5 HPI Control and Status Registers
This section covers the PCI2040 HPI control and status register (HPI CSR) space. The PCI2040 allows software to
access the HPI configuration through either memory or I/O address space. The memory base address is
programmable via the HPI CSR base address register (PCI offset 10h). The I/O base address is programmable via
the HPI CSR I/O base address register (PCI offset 58h).
Table 5–1. HPI Configuration Register Map
REGISTER NAME
OFFSET
Interrupt event set
00h
Interrupt event clear
04h
Interrupt mask set
08h
Interrupt mask clear
0Ch
Reserved
HPI error report
10h
HPI DSP implementation
HPI reset
14h
Reserved
HPI data width
18h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com