Electronic Components Datasheet Search
  English  ▼

X  

PCI2040 Datasheet(PDF) 30 Page - Texas Instruments

Click here to check the latest version.
Part # PCI2040
Description  PCI2040 PCI-DSP Bridge controller
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI2040 Datasheet(HTML) 30 Page - Texas Instruments

Back Button PCI2040 Datasheet HTML 26Page - Texas Instruments PCI2040 Datasheet HTML 27Page - Texas Instruments PCI2040 Datasheet HTML 28Page - Texas Instruments PCI2040 Datasheet HTML 29Page - Texas Instruments PCI2040 Datasheet HTML 30Page - Texas Instruments PCI2040 Datasheet HTML 31Page - Texas Instruments PCI2040 Datasheet HTML 32Page - Texas Instruments PCI2040 Datasheet HTML 33Page - Texas Instruments PCI2040 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 79 page
background image
3–10
and bit 1 (EIM). Since no HSSWITCH status is provided in the CPCI hot swap control and status register, PCI2040
provides bit 8 (HSSWITCH_STS) in the miscellaneous control register (see Section 4.26).
HSENUM is an active low open drain output that is asserted when either bit 7 (INS) or bit 6 (EXT) are set and bit 1
(EIM, the HSENUM mask bit) is cleared. For the insertion event, PCI2040 will drive HSLED after PCI_RST until the
serial ROM preload is complete and the ejector handle is closed (HSSWITCH_STS is 0). When these conditions are
met, the HSLED is under software control via bit 3 (LOO). Bit 7 (INS) is set when the conditions described above are
met and bit 6 (EXT) is 0. Thus, bit 7 (INS) is set following an insertion when the board implementing PCI2040 is ready
for configuration and cannot be set by software.
For the removal event, bit 6 (EXT) is set when the ejector handle is opened (HSSWITCH_STS is 1) and bit 7 (INS)
is 0. This will cause HSENUM to be asserted if bit 1 (EIM) is 0, and software will halt connection with PCI2040 and
light the LED via bit 3 (LOO). The board may then be safely removed.
See the
Compact PCI Hot Swap Specification PICMG 2.1 for more details.
3.10 General-Purpose Bus
This section discusses the general-purpose interface of PCI2040. This is a 16-bit data and a 6-bit address bus. The
6-bit address bus is mapped directly to PCI address bits 7–2. This means that each address on the GP bus
corresponds to a 32-bit (1 DW) address on the PCI bus for a total of 256 bytes of addressable space. Because the
GP bus is only a 16-bit data bus, only the lower 16 bits (15–0) of the PCI data bus is used. In other words, the only
valid byte enable combination is 1100b.
The general-purpose bus read/write strobes must default to the JTAG TBC (8990) timing requirements. However,
GP_RDY signal can be used to extend the use of the bus for slower devices.
Most of the GP bus signals are multiplexed onto the HPI bus as described in the table below. In addition to the
multiplexed signals, there are three dedicated GP bus signals which are GPINT, GPRDY, and GPRST.
Table 3–4. General-Purpose Bus Signals
HPI SIGNALS
GP BUS SIGNALS
TYPE
NOTES
HAD15–HAD0
GP_DATA15–GP_DATA0
I/O
GP data bus. A 16-bit data bus
HBE0
GPA0
O
One of the six address lines
HBE1
GPA1
O
One of the six address lines
HWIL
GPA2
O
One of the six address lines
HCNTL0
GPA3
O
One of the six address lines
HCNTL1
GPA4
O
One of the six address lines
HR/W
GPA5
One of the six address lines
HDS
GP_CS
O
GP chip select. This signal is asserted during an access on the GP bus.
GPIO5
GP_RD
O
GP read strobe. This active low signal indicates a read from a device on the bus. The
data on the bus is valid on the rising edge of GP_RD.
GPIO4
GP_WR
O
GP write strobe. This active low signal indicates a write to a device on the bus. The
data on the bus is valid on the rising edge of GP_WR.
Terminal 74
GP_INT
I
GP interrupt. Interrupt from a device on the GP bus.
Terminal 75
GP_RDY
I
GP ready. Whenever the device on the GP bus is ready to accept a read or write from
PCI2040, GP_RDY is asserted. RDY is deasserted when the device is in recovery
from a read or write operation.
Terminal 70
GP_RST
O
GP reset. An active low output that follows the state of GRST.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com