Electronic Components Datasheet Search
  English  ▼

X  

PCI2040 Datasheet(PDF) 44 Page - Texas Instruments

Click here to check the latest version.
Part # PCI2040
Description  PCI2040 PCI-DSP Bridge controller
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI2040 Datasheet(HTML) 44 Page - Texas Instruments

Back Button PCI2040 Datasheet HTML 40Page - Texas Instruments PCI2040 Datasheet HTML 41Page - Texas Instruments PCI2040 Datasheet HTML 42Page - Texas Instruments PCI2040 Datasheet HTML 43Page - Texas Instruments PCI2040 Datasheet HTML 44Page - Texas Instruments PCI2040 Datasheet HTML 45Page - Texas Instruments PCI2040 Datasheet HTML 46Page - Texas Instruments PCI2040 Datasheet HTML 47Page - Texas Instruments PCI2040 Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 79 page
background image
4–12
4.21 GPIO Select Register
The GPIO select register is used to program the GPIOx terminal functions.
Bit
7
6
5
4
3
2
1
0
Name
GPIO select
Type
R
R
RU
RU
RW
RW
RW
RW
Default
0
0
0
0
0
0
0
0
Register:
GPIO select
Type:
Read/Update/Write
Offset:
44h
Default:
00h
Table 4–8. GPIO Select Register
BIT
FIELD NAME
TYPE
DESCRIPTION
7–6
RSVD
R
Reserved. Bits 7 and 6 return 0s when read.
5
GPIO5Pin
RU
GPIO5 pin. The value of this pin determines the function of GPIO5.
0 = Normal GPIO data (default)
1 = GP_RD. Read strobe (RD) for the GP bus. The PCI2040 will set this bit when bit 5 (GP_EN) in the
miscellaneous control register is set (see Section 4.26). Clearing bit 5 (GP_EN) will automatically
clear this bit.
4
GPIO4Pin
RU
GPIO4 pin. The value of this pin determines the function of GPIO4.
0 = Normal GPIO data (default)
1 = GPWR. Write strobe (WR) for the GP bus. The PCI2040 will set this bit when bit 5 (GP_EN) in the
miscellaneous control register is set (see Section 4.26). Clearing bit 5 (GP_EN) will automatically
clear this bit.
3
GPIO3Pin
RW
GPIO3 pin. The value of this pin determines the function of GPIO3. When programmed as an interrupt
event input, the event is selected in the GPIO interrupt event type register (see Section 4.25). When
programmed as a normal GPIO, the IntGPIO3 interrupt event will never occur.
0 = Normal GPIO data (default)
1 = GPIO3 is an interrupt event input
2
GPIO2Pin
RW
GPIO2 pin. The value of this pin determines the function of GPIO2. When programmed as an interrupt
event input, the event is selected in the GPIO interrupt event type register (see Section 4.25). When
programmed as a normal GPIO, the IntGPIO2 interrupt event will never occur.
0 = Normal GPIO data (default)
1 = GPIO2 is an interrupt event input
1
GPIO1Pin
R
GPIO1 pin. The value of this pin determines the function of GPIO1.
0 = Normal GPIO data (default)
1 = Reserved.
0
GPIO0Pin
R
GPIO0 pin. The value of this pin determines the function of GPIO0.
0 = Normal GPIO data (default)
1 = Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com