Electronic Components Datasheet Search
  English  ▼

X  

PCI2040 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # PCI2040
Description  PCI2040 PCI-DSP Bridge controller
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI2040 Datasheet(HTML) 14 Page - Texas Instruments

Back Button PCI2040 Datasheet HTML 10Page - Texas Instruments PCI2040 Datasheet HTML 11Page - Texas Instruments PCI2040 Datasheet HTML 12Page - Texas Instruments PCI2040 Datasheet HTML 13Page - Texas Instruments PCI2040 Datasheet HTML 14Page - Texas Instruments PCI2040 Datasheet HTML 15Page - Texas Instruments PCI2040 Datasheet HTML 16Page - Texas Instruments PCI2040 Datasheet HTML 17Page - Texas Instruments PCI2040 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 79 page
background image
2–2
Table 2–1 shows the card signal names and their terminal assignments sorted alphanumerically by the associated
GGU package terminal number. Table 2–2 shows the card signal names sorted alphabetically by the signal name
and its associated terminal numbers.
Table 2–1. Card Signal Names by GGU/PGE Pin Number
PIN NO.
SIGNAL NAME
PIN NO.
SIGNAL NAME
PIN NO.
SIGNAL
PIN NO.
SIGNAL
GGU
PGE
SIGNAL NAME
GGU
PGE
SIGNAL NAME
GGU
PGE
SIGNAL
NAME
GGU
PGE
SIGNAL
NAME
A1
1
PCI_AD31
C11
106
HR/W/GPA5
G10
92
HAD8/GPD8
L4
42
PCI_C/BE1
A2
143
RSVD
C12
105
HCS3
G11
91
VCCH
L5
46
PCI_AD13
A3
140
RSVD
C13
104
HCS2
G12
89
HAD6/GPD6
L6
50
PCI_INTA
A4
137
RSVD
D1
8
PCI_AD25
G13
90
HAD7/GPD7
L7
55
VCCP
A5
133
RSVD
D2
7
PCI_AD26
H1
21
PCI_PCLK
L8
59
PCI_AD6
A6
129
GPIO4
D3
6
PCI_AD27
H2
22
GND
L9
63
GND
A7
126
GPIO2
D4
5
VCC
H3
23
PCI_AD19
L10
67
VCC
A8
124
GPIO0
D5
136
RSVD
H4
24
PCI_AD18
L11
70
GP_RST
A9
120
HRDY5x1/HRDY6x1
D6
132
RSVD
H10
85
HAD3/GPD3
L12
75
GP_RDY
A10
116
HRST2
D7
128
VCC
H11
86
HAD4/GPD4
L13
76
HINT0
A11
112
HDS/GP_CS
D8
121
HRDY5x2/HRDY6x2
H12
87
GND
M1
35
RSVD
A12
110
HBE1/GPA1
D9
117
HRST3
H13
88
HAD5/GPD5
M2
36
RSVD
A13
109
HWIL/GPA2
D10
113
VCC
J1
25
PCI_AD17
M3
39
PCI_PAR
B1
2
PCI_AD30
D11
103
HCS1
J2
26
PCI_AD16
M4
43
GND
B2
144
RSVD
D12
102
HCS0
J3
27
VCC
M5
47
PCI_AD12
B3
141
RSVD
D13
101
GND
J4
28
PCI_C/BE2
M6
51
GND
B4
138
RSVD
E1
12
PCI_IDSEL
J10
81
VCC
M7
53
PCI_AD9
B5
134
RSVD
E2
11
PCI_C/BE3
J11
82
HAD0/GPD0
M8
58
PCI_AD7
B6
130
GPIO5
E3
10
GND
J12
83
HAD1/GPD1
M9
62
PCI_AD3
B7
125
GPIO1
E4
9
PCI_AD24
J13
84
HAD2/GPD2
M10
66
PCI_AD0
B8
123
VCCH
E10
100
HAD15/GPD15
K1
29
PCI_FRAME
M11
69
RSVD
B9
119
HRDY5x0/HRDY6x0
E11
99
HAD14/GPD14
K2
30
PCI_IRDY
M12
72
HSLED
B10
115
HRST1
E12
98
HAD13/GPD13
K3
31
GND
M13
74
GP_INT
B11
111
HBE0/GPA0
E13
97
HAD12/GPD12
K4
41
PCI_LOCK
N1
37
PCI_PERR
B12
108
HCNTL0/GPA3
F1
16
PCI_AD21
K5
45
PCI_AD14
N2
38
PCI_SERR
B13
107
HCNTL1/GPA4
F2
15
PCI_AD22
K6
49
VCC
N3
40
VCC
C1
4
PCI_AD28
F3
14
PCI_AD23
K7
56
PCI_C/BE0
N4
44
PCI_AD15
C2
3
PCI_AD29
F4
13
VCC
K8
60
PCI_AD5
N5
48
PCI_AD11
C3
142
RSVD
F10
96
HAD11/GPD11
K9
64
PCI_AD2
N6
52
PCI_AD10
C4
139
RSVD
F11
95
VCC
K10
77
GND
N7
54
PCI_AD8
C5
135
RSVD
F12
94
HAD10/GPD10
K11
78
HINT1
N8
57
VCC
C6
131
RSVD
F13
93
HAD9/GPD9
K12
79
HINT2
N9
61
PCI_AD4
C7
127
GPIO3
G1
18
VCCP
K13
80
HINT3
N10
65
PCI_AD1
C8
122
HRDY5x3/HRDY6x3
G2
17
PCI_AD20
L1
32
PCI_TRDY
N11
68
PME
C9
118
GND
G3
19
PCI_RST
L2
33
PCI_DEVSEL
N12
71
HSENUM
C10
114
HRST0
G4
20
GRST
L3
34
PCI_STOP
N13
73
HSSWITCH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com