Electronic Components Datasheet Search
  English  ▼

X  

PCI2040 Datasheet(PDF) 69 Page - Texas Instruments

Click here to check the latest version.
Part # PCI2040
Description  PCI2040 PCI-DSP Bridge controller
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI2040 Datasheet(HTML) 69 Page - Texas Instruments

Back Button PCI2040 Datasheet HTML 65Page - Texas Instruments PCI2040 Datasheet HTML 66Page - Texas Instruments PCI2040 Datasheet HTML 67Page - Texas Instruments PCI2040 Datasheet HTML 68Page - Texas Instruments PCI2040 Datasheet HTML 69Page - Texas Instruments PCI2040 Datasheet HTML 70Page - Texas Instruments PCI2040 Datasheet HTML 71Page - Texas Instruments PCI2040 Datasheet HTML 72Page - Texas Instruments PCI2040 Datasheet HTML 73Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 79 page
background image
6–11
Table 6–4. C6X HPI Control Register
BIT
FIELD NAME
HOST TYPE
DSP TYPE
FUNCTION
31–21
RSVD
R
R
Reserved. Bits 31–21 return 0s when read.
20
FETCH
Host fetch request. The value read by the host or the CPU is always 0. Only host can write
to this register. When host writes 1 to this bit, it requests a fetch into HPI data register of
the word at the word pointed to by HPI address register. Note that the value of 1 is never
actually written to this bit.
19
HRDY
Ready signal to host. It is not masked by the HCS as the HRDY pin is.
0 = Host is busy; the internal bus is waiting for an HPI data request to finish.
1 = Host is ready to transfer data
18
HINT
DSP-to-host interrupt. The inverted value of this bit determines the state of the HINT
output.
17
DSPINT
Host-to-DSP interrupt.
16
HWOB
HWOB affects both data and address transfers. Only the host can modify this bit and it is
read-only to the DSP. HWOB must be initialized before the first data or address register
access.
0 = First byte is the MS
1 = First byte is the LS
15–5
RSVD
R
R
Reserved. Bits 15–5 return 0s when read.
4
FETCH
Host fetch request. The value read by the host or the CPU is always is 0. Only host can
write to this register. When host writes 1 to this bit, it requests a fetch into HPI data register
of the word at the word pointed to by HPI address register. Note that the value of 1 is never
actually written to this bit.
3
HRDY
Ready signal to host. It is not masked by the HCS as the HRDY pin is.
0 = Host is busy; the internal bus is waiting for an HPI data request to finish.
1 = Host is ready to transfer data
2
HINT
DSP-to-host interrupt. The inverted value of this bit determines the state of the HINT
output.
1
DSPINT
Host-to-DSP interrupt.
0
HWOB
HWOB affects both data and address transfers. Only the host can modify this bit and it is
read-only to the DSP. HWOB must be initialized before the first data or address register
access.
0 = First byte is the MS
1 = First byte is the LS
6.3.6
Software Handshaking Using HRDY and FETCH
Software handshaking using HRDY and FETCH bits in the HPI control register is a C6x feature not supported in
PCI2040 because it will support HRDY pin from DSP to host for insertion of wait states.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com