Electronic Components Datasheet Search
  English  ▼

X  

PCI2040 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # PCI2040
Description  PCI2040 PCI-DSP Bridge controller
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI2040 Datasheet(HTML) 23 Page - Texas Instruments

Back Button PCI2040 Datasheet HTML 19Page - Texas Instruments PCI2040 Datasheet HTML 20Page - Texas Instruments PCI2040 Datasheet HTML 21Page - Texas Instruments PCI2040 Datasheet HTML 22Page - Texas Instruments PCI2040 Datasheet HTML 23Page - Texas Instruments PCI2040 Datasheet HTML 24Page - Texas Instruments PCI2040 Datasheet HTML 25Page - Texas Instruments PCI2040 Datasheet HTML 26Page - Texas Instruments PCI2040 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 79 page
background image
3–3
•
Diagnostic register – Diagnostic
•
HPI DSP implementation register – HPI_Imp Byte 0
•
HPI data width register – HPI_DW Byte 0
SubClass
BaseClass
SubSys Byte 0
SubSys Byte 1
SubSys Byte 2
SubSys Byte 3
GPIO Select
RSVD
RSVD
Misc Ctrl Byte 0
Misc Ctrl Byte 1
Diagnostic
HPI_Imp Byte 0
RSVD
HPI_DW Byte 0
RSVD
Word Address 0
Word Address 1
Word Address 2
Word Address 3
Word Address 4
Word Address 5
Word Address 6
Word Address 7
Word Address 8
Word Address 9
Word Address 10
Word Address 11
Word Address 12
Word Address 13
Word Address 14
Word Address 15
RSVD
RSVD
RSVD
RSVD
RSVD
RSVD
RSVD
RSVD
RSVD
RSVD
RSVD
RSVD
RSVD
RSVD
RSVD
RSVD_DIAG
Word Address 16 (10h)
Word Address 17
Word Address 18
Word Address 19
Word Address 20
Word Address 21
Word Address 22
Word Address 23
Word Address 24
Word Address 25
Word Address 26
Word Address 27
Word Address 28
Word Address 29
Word Address 30
Word Address 31
...AVAIL...
Figure 3–2. PCI2040 Serial ROM Data Format
When PCI2040 accesses an implemented serial ROM, it always addresses the serial ROM at slave address
8’b10100000. The serial ROM data format described above utilizes 32 bytes of address space, some of which are
reserved for future generations of the PCI2040. A byte at address 31 is reserved for diagnostic software purposes
and will not be allocated to future generations of the PCI2040. Serial ROM addresses above word address 31 are
available for use by PCI2040 applications. If the data at word address 0 is FFh, then the PCI2040 will stop reading
from the serial ROM. This feature prevents the uninitialized data from being loaded into the PCI2040’s registers.
3.5
PCI2040 Host Port Interface
The PCI2040 HPI interface is used to access TI’s TMS320C54X or TMS320C6X DSP chips. The devices connected
to the HPI interface are memory-mapped in host memory. The host system processor accesses the HPI interface
via slave accesses to PCI2040. The DSP devices can generate interrupts, and the PCI2040 passes these interrupt
requests to the PCI bus via INTA. See Section 3.7,
Interrupts, for more information on PCI2040 interrupts.
The HPI port on DSP devices is a parallel port that allows access to the DSP’s memory space and internal registers.
The PCI2040 has to configure the HPI interface on the DSP by accessing the DSP’s HPI control register (HPIC). Other
DSP HPI registers include the HPI data register (HPID) and the HPI address register (HPIA). See Section 6,
DSP
HPI Overview for more information on DSP registers.
3.5.1
Identifying Implemented Ports and DSP Types
The PCI2040 supports up to four DSPs of both the C54x and C6x types. It may be useful for generic software to
discover what number and type of DSPs are connected to the PCI2040. This is accomplished by using the HPI DSP
implementation register (see Section 5.5) and HPI data width register (see Section 5.6) in the HPI control and status
register space. The HPI DSP implementation register identifies how many DSPs are implemented and what HCSn
outputs are connected, and the HPI data width register identifies whether the HPI port per connected DSP is 8 bits
(C54x) or 16 bits (C6x).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com