Electronic Components Datasheet Search
  English  ▼

X  

PCI2040 Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # PCI2040
Description  PCI2040 PCI-DSP Bridge controller
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI2040 Datasheet(HTML) 28 Page - Texas Instruments

Back Button PCI2040 Datasheet HTML 24Page - Texas Instruments PCI2040 Datasheet HTML 25Page - Texas Instruments PCI2040 Datasheet HTML 26Page - Texas Instruments PCI2040 Datasheet HTML 27Page - Texas Instruments PCI2040 Datasheet HTML 28Page - Texas Instruments PCI2040 Datasheet HTML 29Page - Texas Instruments PCI2040 Datasheet HTML 30Page - Texas Instruments PCI2040 Datasheet HTML 31Page - Texas Instruments PCI2040 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 79 page
background image
3–8
3.8.1
PCI Power Management Register Interface
PCI2040 is
PCI Bus Power Interface Management Specification Revision 1.0 and 1.1 compliant. By default, PCI2040
provides the PCI power management PM 1.0 register set which is documented in Section 4.30. PCI2040 may be
programmed to provide a PCI PM 1.1 register set by setting bit 4 (PM11_EN) of the miscellaneous control register
to 1 (see Section 4.26).
The PCI power management register changes required to provide PCI PM 1.1 compliance to the power management
capabilities register (see Section 4.30) are summarized in Table 3–3.
Table 3–3. PMC Changes for PCI PM 1.1 Register Model
BIT
FIELD NAME
TYPE
DESCRIPTION
15–9
PM 1.0 Compliant
Same as PM 1.0 Implementation. No change.
8–6
Aux_Current
R
Aux_Current.
This
field
reports
the
Vaux requirements for PCI2040. If bit 15
(D3cold_PMESupport) in the power management capabilities register is set (see Section 4.30),
then this field returns 3’b001 indicating that PCI2040 draws a maximum of 55 mA while
programmed to D3. If bit 15 (D3cold_PMESupport) is 0, then this field returns 3’b000 since no
wake from D3cold is supported.
Bit 6 is aliased to bit 15 and is read-only.
5
PM 1.0 Compliant
R
Same as PM 1.0 Implementation. No change.
4
RSVD
R
This reserved field returns 0 when read in the PCI PM 1.1 register model and returns 1 when
read in the PCI PM 1.0 model.
3
PM 1.0 Compliant
R
Same as PM 1.0 Implementation. No change.
2–0
Version
R
These three bits return 010b when read, indicating that there are 4 bytes of general-purpose
power management (PM) registers as described in the draft revision 1.1
PCI Bus Power
Management Interface Specification.
3.8.2
PCI Power Management Device States and Transitions
PCI2040 supports all D0–D3 device power states, and can assert PME from any power state including D3cold when
Vaux is supplied. The PCI2040’s power state implementation is simply disabling the HPI state machine when in the
D1, D2, or D3 power states. D0 is the fully operational power state.
If an HPI cycle initiated by PCI2040 is in progress when bits 1 and 0 (PWRSTATE field) in the power management
control/status register are programmed to D1, D2, or D3 (see Section 4.31), then the PCI2040 will complete the cycle
in progress before transitioning to the lower power state.
On a transition to the D0 power state from the D3 power state, PCI2040 asserts an internal signal equivalent to a
PCI_RST which does not reset all internal states. There are several register bits that are reset by GRST versus the
PCI_RST, and these are referred to as the PME context (or sometimes sticky) bits.
The PME context bits for PCI2040 are listed below and Figure 3–3 illustrates the relationship between the PME
context bits: GRST, and PCI_RST. The addition of GRST allows for retaining device state from a D3 to D0 transition
when the PCI interface may transition from B3 to B0 and issue a PCI reset.
PCI2040 PME context bits for PCI space:
•
0x0A – SubClass Code register (all implemented bits)
•
0x0B – BaseClass Code register (all implemented bits)
•
0x2C – Subsystem vendor ID register (all implemented bits)
•
0x2E – Subsystem ID register (all implemented bits)
•
0x44 – GPIO select register (all implemented bits)
•
0x46 – GPIO direction control register (all implemented bits)
•
0x47 – GPIO output data register (all implemented bits)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com