Electronic Components Datasheet Search
  English  ▼

X  

PCI2040 Datasheet(PDF) 70 Page - Texas Instruments

Click here to check the latest version.
Part # PCI2040
Description  PCI2040 PCI-DSP Bridge controller
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI2040 Datasheet(HTML) 70 Page - Texas Instruments

Back Button PCI2040 Datasheet HTML 66Page - Texas Instruments PCI2040 Datasheet HTML 67Page - Texas Instruments PCI2040 Datasheet HTML 68Page - Texas Instruments PCI2040 Datasheet HTML 69Page - Texas Instruments PCI2040 Datasheet HTML 70Page - Texas Instruments PCI2040 Datasheet HTML 71Page - Texas Instruments PCI2040 Datasheet HTML 72Page - Texas Instruments PCI2040 Datasheet HTML 73Page - Texas Instruments PCI2040 Datasheet HTML 74Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 79 page
background image
6–12
6.3.7
Host Access Sequence
The host access sequence in C6x is similar to C54x except for the HPI data register write. The host begins accessing
HPI by initializing the HPI control register, then by initializing the HPI address register, and then by writing data to or
reading data from the HPI data register. Reading or writing to the HPI data register initiates an internal cycle that
transfers the desired data between the HPI data register and DMA auxiliary channel. Typically, host does not break
the first half-word/second half-word sequence. If this sequence is broken, then the data is lost. During the HPI data
register write however, HBE0/HBE1 enable the individual bytes in the half-word. Please see Section 6.3.3,
Byte
Enables (HBE0 and HBE1), for more details.
6.3.8
Single Half-Word Cycles
In the normal operation, every transfer must consist of two half-word accesses. However, to speed the operation, the
C6x allows single half-word accesses. The PCI2040 does not support the half-word cycles.
6.3.9
Memory Access Through HPI During Reset
During the reset, when HCS is active low and HRDY is inactive high, and vice versa, the HPI can not be used but
certain boot modes can allow the host to write to the CPU’s memory space including configuring the EMIF
configuration registers to define external memory before accessing it. Note that the device is not in reset during these
boot modes but the CPU itself is in reset until the boot completes.
6.3.10 Examples of Transactions Targeting the C6X
The following two figures depict typical transactions on the HPI bus which are targeting a C6X. Both of these figures
are very similar with one being a write transaction and the other being a read transaction. Because both transactions
are similar, the following event flow can be used to describe both transactions.
1.
The host port is idle.
2.
HCNTL0 and HCNTL1 are driven high indicating to the C6X that this transaction is going to target the HPID
w/o auto-increment enabled. The HR/W is driven low indicating to the C6X that this transaction is a write.
3.
HCS0 is asserted indicating that this transaction is targeting DSP0. The first two bytes or half–word is driven
onto the HAD bus. Both HBE1 and HBE0 are driven low. Also during clock 3 the HDS is asserted. During
this time, the C6X will latch the values of HCNTL1, HCNTL0, HWIL, and HR/W.
4.
The PCI2040 will sample the state of HRDY6X0. If the C6X indicates it is not ready, then the PCI2040 will
wait until the C6X indicates it is ready before it deasserts HDS and HWIL.
5.
Because the state of the HRDY6X0 signal indicates the C6X is ready, the PCI2040 deasserts HDS. The
C6X latches the data, BBAAh, on the rising edge of HDS. The HWIL is driven high. The C6X also latches
the value of HBE1 and HBE0. In this example, both these signals are low indicating to the C6X that both
bytes of the half-word are valid.
6.
Same as Step 3.
7.
Same as Step 4.
8.
Same as Step 5 except HCS0 is deasserted indicating the transaction has completed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com