Electronic Components Datasheet Search
  English  ▼

X  

PCI2040 Datasheet(PDF) 45 Page - Texas Instruments

Click here to check the latest version.
Part # PCI2040
Description  PCI2040 PCI-DSP Bridge controller
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI2040 Datasheet(HTML) 45 Page - Texas Instruments

Back Button PCI2040 Datasheet HTML 41Page - Texas Instruments PCI2040 Datasheet HTML 42Page - Texas Instruments PCI2040 Datasheet HTML 43Page - Texas Instruments PCI2040 Datasheet HTML 44Page - Texas Instruments PCI2040 Datasheet HTML 45Page - Texas Instruments PCI2040 Datasheet HTML 46Page - Texas Instruments PCI2040 Datasheet HTML 47Page - Texas Instruments PCI2040 Datasheet HTML 48Page - Texas Instruments PCI2040 Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 79 page
background image
4–13
4.22 GPIO Input Data Register
The GPIO input data register reflects the state of the GPIO pins, and defaults to an unknown value.
Bit
7
6
5
4
3
2
1
0
Name
GPIO input data
Type
R
R
R
R
R
R
R
R
Default
0
0
X
X
X
X
X
X
Register:
GPIO input data
Type:
Read-only
Offset:
45h
Default:
XXh
Table 4–9. GPIO Input Data Register
BIT
FIELD NAME
TYPE
DESCRIPTION
7–6
RSVD
R
Reserved. Bits 7 and 6 return 0s when read.
5–0
GPIO[5:0] Pin State
R
GPIO5–GPIO0 pin state. Returns the logical value of the data input to the GPIO5–GPIO0 terminals.
4.23 GPIO Direction Control Register
The GPIO direction control register controls the direction of GPIO pins.
Bit
7
6
5
4
3
2
1
0
Name
GPIO direction control
Type
R
R
RW
RW
RW
RW
RW
RW
Default
0
0
0
0
0
0
0
0
Register:
GPIO direction control
Type:
Read-only, Read/Write
Offset:
46h
Default:
00h
Table 4–10. GPIO Direction Control Register
BIT
FIELD NAME
TYPE
DESCRIPTION
7–6
RSVD
R
Reserved. Bits 7 and 6 return 0s when read.
5–0
GPIO[5:0] Direction
Control
RW
GPIO5–GPIO0 direction control. When the GPIOn direction control bit is set, then the GPIOn signal
is an output. When the GPIOn direction control bit is 0, the GPIOn signal is an input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com