Electronic Components Datasheet Search
  English  ▼

X  

PCI2040 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # PCI2040
Description  PCI2040 PCI-DSP Bridge controller
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI2040 Datasheet(HTML) 17 Page - Texas Instruments

Back Button PCI2040 Datasheet HTML 13Page - Texas Instruments PCI2040 Datasheet HTML 14Page - Texas Instruments PCI2040 Datasheet HTML 15Page - Texas Instruments PCI2040 Datasheet HTML 16Page - Texas Instruments PCI2040 Datasheet HTML 17Page - Texas Instruments PCI2040 Datasheet HTML 18Page - Texas Instruments PCI2040 Datasheet HTML 19Page - Texas Instruments PCI2040 Datasheet HTML 20Page - Texas Instruments PCI2040 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 79 page
background image
2–5
Table 2–4. PCI System Terminal Functions
TERMINAL
NAME
NO.
I/O
DESCRIPTION
NAME
PGE
GGU
I/O
DESCRIPTION
PCI_AD31
PCI_AD30
PCI_AD29
PCI_AD28
PCI_AD27
PCI_AD26
PCI_AD25
PCI_AD24
PCI_AD23
PCI_AD22
PCI_AD21
PCI_AD20
PCI_AD19
PCI_AD18
PCI_AD17
PCI_AD16
PCI_AD15
PCI_AD14
PCI_AD13
PCI_AD12
PCI_AD11
PCI_AD10
PCI_AD9
PCI_AD8
PCI_AD7
PCI_AD6
PCI_AD5
PCI_AD4
PCI_AD3
PCI_AD2
PCI_AD1
PCI_AD0
1
2
3
4
6
7
8
9
14
15
16
17
23
24
25
26
44
45
46
47
48
52
53
54
58
59
60
61
62
64
65
66
A1
B1
C2
C1
D3
D2
D1
E4
F3
F2
F1
G2
H3
H4
J1
J2
N4
K5
L5
M5
N5
N6
M7
N7
M8
L8
K8
N9
M9
K9
N10
M10
I/O
32-bit multiplexed address/data bus
PCI_C/BE3
PCI_C/BE2
PCI_C/BE1
PCI_C/BE0
11
28
42
56
E2
J4
L4
K7
I
PCI command and byte enable
PCI_PCLK
21
H1
I
PCI clock. Provides timing for all PCI transactions with a maximum frequency of 33 MHz.
PCI_DEVSEL
33
L2
O
Device select
PCI_FRAME
29
K1
I
PCI cycle frame
PCI_IDSEL
12
E1
I
Initialization and device select
PCI_INTA
50
L6
O
Interrupt A. INTA indicates to the host that PCI2040 requires attention.
PCI_IRDY
30
K2
I
Initiator ready
PCI_LOCK
41
K4
I
PCI lock
PCI_PAR
39
M3
I/O
PCI parity
PCI_PERR
37
N1
I/O
Parity error
PCI_RST
19
G3
I
PCI reset. Assertion forces PCI2040 non-PME context to a predetermined state.
PCI_SERR
38
N2
O
System error
PCI_STOP
34
L3
O
PCI stop
PCI_TRDY
32
L1
O
Target ready



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com