Electronic Components Datasheet Search
  English  ▼

X  

PCI2040 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # PCI2040
Description  PCI2040 PCI-DSP Bridge controller
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI2040 Datasheet(HTML) 19 Page - Texas Instruments

Back Button PCI2040 Datasheet HTML 15Page - Texas Instruments PCI2040 Datasheet HTML 16Page - Texas Instruments PCI2040 Datasheet HTML 17Page - Texas Instruments PCI2040 Datasheet HTML 18Page - Texas Instruments PCI2040 Datasheet HTML 19Page - Texas Instruments PCI2040 Datasheet HTML 20Page - Texas Instruments PCI2040 Datasheet HTML 21Page - Texas Instruments PCI2040 Datasheet HTML 22Page - Texas Instruments PCI2040 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 79 page
background image
2–7
Table 2–6. Host Port Interface Terminal Functions
TERMINAL
NAME
NO.
I/O
DESCRIPTION
NAME
PGE
GGU
I/O
DESCRIPTION
HAD15
HAD14
HAD13
HAD12
HAD11
HAD10
HAD9
HAD8
HAD7
HAD6
HAD5
HAD4
HAD3
HAD2
HAD1
HAD0
100
99
98
97
96
94
93
92
90
89
88
86
85
84
83
82
E10
E11
E12
E13
F10
F12
F13
G10
G13
G12
H13
H11
H10
J13
J12
J11
I/O
Data. A 16-bit parallel, bidirectional, and 3-state data bus used to access registers on external
devices controlled by PCI2040. HAD15 is MSB and HAD0 is LSB.
HR/W/GPA5
106
C11
O
Read/Write. The PCI2040 drives this signal to 0 on a host port interface for a write and to 1
on a host port interface for a read.
HDS/GP_CS
112
A11
O
Read strobe/data strobe. Active low signal that controls the transfer of data during an HPI
cycle, and indicates to the DSP that the data on HAD15–HAD0 is valid. This signal must be
connected to HDS1 or HDS2 on the DSP. Unused DSP HDSx inputs must be tied high.
HINT3
HINT2
HINT1
HINT0
80
79
78
76
K13
K12
K11
L13
I
HPI Interrupts. These four interrupts from the DSPs are connected point-to-point between
PCI2040 and each implemented DSP. The PCI2040 may be programmed to assert a PCI
interrupt when the DSPs assert any HINT3–HINT0. From the DSP perspective, these signals
are controlled by the HINT bit in the HPI control register and are driven high when the DSPs
are being reset (and placed in high impedance when EMU1/OFF is asserted).
HBE1/GPA1
HBE0/GPA0
110
111
A12
B11
O
Byte enables. These active low signals are only used when communicating with the C6x DSP.
They indicate which bytes of the data bus are valid when writing to the C6x HPI data register
and are not meaningful in any other conditions.
HWIL/GPA2
109
A13
O
Half-word identification select. Identifies first or second half-word of transfer. HWIL is low for
the first half-word and high for the second half-word. This is not to be confused with the BOB
bit in the DSP HPI control register which controls MSB/LSB from the DSP perspective.
HCNTL1/GPA4
HCNTL0/GPA3
107
108
B13
B12
O
Control signals for DSP access mode. Selects an access to DSP HPI address register, HPI
control register, or HPI data register (and controls auto-increment). The HCNTL1 and HCNTL0
combinations are different for C54x and C6x DSPs.
HCS3
HCS2
HCS1
HCS0
105
104
103
102
C12
C13
D11
D12
O
Chip selects. These four chip selects to the DSPs are connected point-to-point between
PCI2040 and each implemented DSP. The input to the DSP serves as an enable input for the
HPI and must be low during an access and may stay low between accesses.
HRDY5x3/HRDY6x3
HRDY5x2/HRDY6x2
HRDY5x1/HRDY6x1
HRDY5x0/HRDY6x0
122
121
120
119
C8
D8
A9
B9
I
Host ready signals. These ready signals from the DSPs are connected point-to-point between
PCI2040 and each implemented DSP. This ready signal is active high for C54x DSPs and
active low for C6x DSPs. When asserted, it indicates that the DSP is ready for a transfer to
be performed, and is deasserted when the DSP is busy completing the internal portion of the
previous transaction. HCS enables HRDY for the DSP; that is, HRDY is always asserted when
the chip selects are deasserted. The DSP places this ready signal in high impedance when
EMU1/OFF is active (low).
HRST3
HRST2
HRST1
HRST0
117
116
115
114
D9
A10
B10
C10
O
Host-to-DSP resets. These active low reset signals to the DSPs are connected point-to-point
between PCI2040 and each implemented DSP. The PCI2040 resets the DSPs when GRST
is asserted. It is software’s responsibility to deassert HRSTn.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com