Electronic Components Datasheet Search
  English  ▼

X  

PCI2040 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # PCI2040
Description  PCI2040 PCI-DSP Bridge controller
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI2040 Datasheet(HTML) 16 Page - Texas Instruments

Back Button PCI2040 Datasheet HTML 12Page - Texas Instruments PCI2040 Datasheet HTML 13Page - Texas Instruments PCI2040 Datasheet HTML 14Page - Texas Instruments PCI2040 Datasheet HTML 15Page - Texas Instruments PCI2040 Datasheet HTML 16Page - Texas Instruments PCI2040 Datasheet HTML 17Page - Texas Instruments PCI2040 Datasheet HTML 18Page - Texas Instruments PCI2040 Datasheet HTML 19Page - Texas Instruments PCI2040 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 79 page
background image
2–4
The terminals are grouped in tables by functionality, such as PCI system function, power-supply function, etc. The
terminal numbers are also listed for convenient reference.
Table 2–3. Power Supply
TERMINAL
NAME
NO.
DESCRIPTION
NAME
PGE
GGU
DESCRIPTION
GND
10, 22, 31, 43,
51, 63, 77, 87,
101, 118
C9, D13, E3,
H2, H12, K3,
K10, L9, M4,
M6
Device ground terminals
VCC
5, 13, 27, 40,
49, 57, 67, 81,
95, 113, 128
D4, D7, D10,
F4, F11, J3,
J10, K6, L10,
N3, N8
Power supply terminal for core logic (3.3 V)
VCCH
91, 123
G11, B8
HPI interface signaling voltage. The VCCH input indicates the signaling level for the HPI interface
and is nominally either 3.3 V or 5 V.
VCCP
18, 55
G1, L7
PCI interface signaling voltage. The VCCP input indicates the signaling level for the PCI interface
and is nominally either 3.3 V or 5 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com