Electronic Components Datasheet Search
  English  ▼

X  

PCI2040 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # PCI2040
Description  PCI2040 PCI-DSP Bridge controller
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI2040 Datasheet(HTML) 18 Page - Texas Instruments

Back Button PCI2040 Datasheet HTML 14Page - Texas Instruments PCI2040 Datasheet HTML 15Page - Texas Instruments PCI2040 Datasheet HTML 16Page - Texas Instruments PCI2040 Datasheet HTML 17Page - Texas Instruments PCI2040 Datasheet HTML 18Page - Texas Instruments PCI2040 Datasheet HTML 19Page - Texas Instruments PCI2040 Datasheet HTML 20Page - Texas Instruments PCI2040 Datasheet HTML 21Page - Texas Instruments PCI2040 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 79 page
background image
2–6
Table 2–5. Miscellaneous Terminal Functions
TERMINAL
NAME
NO.
I/O
DESCRIPTION
NAME
PGE
GGU
I/O
DESCRIPTION
GRST
20
G4
I
Global reset. This is a power-on reset to PCI2040 that indicates that a power has been applied to
the VCC terminals. GRST resets all register bits in PCI2040.
PME
68
N11
O
Power management event. This output indicates PCI power management wake-up events to the
host, and requires open-drain, fail-safe signaling per the
PCI Bus Power Management Interface
Specification.
GPIO5
GPIO4
GPIO3
GPIO2
GPIO1
GPIO0
130
129
127
126
125
124
B6
A6
C7
A7
B7
A8
I/O
General-purpose inputs/output. With some exceptions, these terminals provide basic general-
purpose input and output functionality programmable through the PCI2040.
The GPIO3 and GPIO2 inputs may be programmed to generate generic interrupt events. See
Section 3.7.4,
General-Purpose Interrupts, for details.
GPIO0 is sampled on GRST to determine if a serial ROM is implemented. If GPIO0 is sampled high
on GRST assertions, then the serial ROM clock (SCL) is routed to the GPIO0 terminal and the serial
ROM data line (SDA) is routed to the GPIO1 terminal.
GPIO4. GP write strobe. This active low signal is used to indicate a read from a device on the bus.
The data on the bus is valid on the rising edge of WR.
GPIO5. GP read strobe. This active low signal is used to indicate a write to a device on the bus. The
data on the bus is valid on the rising edge of RD.
RSVD
35, 36,
69,
131–144
A2–A5,
B2–B5,
C3–C6,
D5, D6,
M1, M2,
M11
NC
Reserved. These terminals are not connected in PCI2040 implementations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com