Electronic Components Datasheet Search
  English  ▼

X  

PCI2040 Datasheet(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
Part # PCI2040
Description  PCI2040 PCI-DSP Bridge controller
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI2040 Datasheet(HTML) 26 Page - Texas Instruments

Back Button PCI2040 Datasheet HTML 22Page - Texas Instruments PCI2040 Datasheet HTML 23Page - Texas Instruments PCI2040 Datasheet HTML 24Page - Texas Instruments PCI2040 Datasheet HTML 25Page - Texas Instruments PCI2040 Datasheet HTML 26Page - Texas Instruments PCI2040 Datasheet HTML 27Page - Texas Instruments PCI2040 Datasheet HTML 28Page - Texas Instruments PCI2040 Datasheet HTML 29Page - Texas Instruments PCI2040 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 79 page
background image
3–6
3.6
General-Purpose I/O Interface
The PCI2040 has six general-purpose input/output (GPIO) terminals for design flexibility, and these terminals reside
in the VCCP signaling environment. GPIO5–GPIO0 default to inputs, but may be programmed to be outputs via the
GPIO direction control register (see Section 4.23). When GPIOx is selected as an input, the logical value of the data
input on GPIOx is reported through the GPIO input data register (see Section 4.22). When GPIOx is selected as an
output, the logical value of the data driven by PCI2040 to the GPIOx terminal is programmed via the GPIO output
data register (see Section 4.24). The GPIO input data register, GPIO output data register, and GPIO direction control
register are only meaningful for GPIOx if GPIOx is selected as a general-purpose input/output through the GPIO
select register (see Section 4.21).
Through the GPIO select register, the GPIO5–GPIO0 terminals may be programmed to other signal functions, such
as test outputs and general-purpose interrupt event inputs. See Section 4.21,
GPIO select register, for more details
on these options.
If bit 5 in the miscellaneous control register is set to 1 (see Section 4.26), then GPIO5 and GPIO4 provide some
signals from the general-purpose bus interface. Also note that GPIO0 and GPIO1 provide the serial ROM interface
if enabled as described in Section 3.4,
Serial ROM Interface.
3.7
Interrupts
The PCI2040 reports two classes of interrupts: DSP interrupts and device interrupts. DSP interrupts are generated
when an implemented DSP asserts its HINTn signal, and device interrupts come directly from the remaining PCI2040
logic. For example, one such PCI2040 device interrupt indicates that a serious error has occurred on the HPI
interface.
3.7.1
Interrupt Event and Interrupt Mask Registers
The PCI2040 contains two 32-bit registers to report and control interrupts: interrupt event register (see Section 5.1)
and interrupt mask register (see Section 5.2). These registers exist in the HPI control and status register space. Both
registers have two addresses: a set address and a clear address. For a write to either register, a 1 written to the set
address causes the corresponding bit in the register to be set (excluding bits that are read-only), while a 1 written
to the clear address causes the corresponding bit to be cleared. For both addresses, writing a 0 has no effect on the
corresponding bit in the register.
The interrupt event register contains the actual PCI2040 interrupt request bits, and the response to these sources
can be tested by diagnostic software by setting the corresponding bit in the interrupt event set register. The interrupt
mask register is AND’ed with the interrupt event register to enable selected sources to generate host interrupts
through INTA. Software writes to the interrupt event clear register to clear interrupt conditions reported in the interrupt
event register.
Reading either the set or the clear address for these registers returns the value of the register with one exception.
Reading the interrupt event clear register returns the value of the interrupt event register AND’ed with the interrupt
mask register to report the unmasked bits that are set in the interrupt event register that caused the interrupt event.
Software can then write this value to the interrupt event clear register, which clears the events causing the interrupt,
and the PCI2040 deasserts INTA if no more unmasked interrupt events are pending.
PCI2040 also implements a global interrupt enable in the interrupt mask register at bit 31 (masterIntEnable). Only
when bit 31 is set will the PCI2040 generate an INTA.
3.7.2
DSP-to-Host Interrupts
These interrupts are the most common interrupts generated by the PCI2040. The four interrupt events,
IntDSP3–IntDSP0 (bits 3–0 in Section 5.2), occur when the corresponding HINT3–HINT0 is asserted by the DSP.
When enabled via the corresponding bits in the interrupt mask register (see Section 5.1), these DSP interrupts are
passed directly to the PCI host.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com