Electronic Components Datasheet Search
  English  ▼

X  

PCI2040 Datasheet(PDF) 38 Page - Texas Instruments

Click here to check the latest version.
Part # PCI2040
Description  PCI2040 PCI-DSP Bridge controller
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI2040 Datasheet(HTML) 38 Page - Texas Instruments

Back Button PCI2040 Datasheet HTML 34Page - Texas Instruments PCI2040 Datasheet HTML 35Page - Texas Instruments PCI2040 Datasheet HTML 36Page - Texas Instruments PCI2040 Datasheet HTML 37Page - Texas Instruments PCI2040 Datasheet HTML 38Page - Texas Instruments PCI2040 Datasheet HTML 39Page - Texas Instruments PCI2040 Datasheet HTML 40Page - Texas Instruments PCI2040 Datasheet HTML 41Page - Texas Instruments PCI2040 Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 79 page
background image
4–6
4.9
Header Type Register
The header type register returns 00h when read, indicating that the PCI2040 configuration space adheres to the
standard PCI header and it is a single function device.
Bit
7
6
5
4
3
2
1
0
Name
Header type
Type
R
R
R
R
R
R
R
R
Default
0
0
0
0
0
0
0
0
Register:
Header type
Type:
Read-only
Offset:
0Eh
Default:
00h
4.10 BIST Register
The PCI2040 does not support built-in-self-test (BIST); therefore, this register returns 00h when read.
Bit
7
6
5
4
3
2
1
0
Name
BIST
Type
R
R
R
R
R
R
R
R
Default
0
0
0
0
0
0
0
0
Register:
BIST
Type:
Read-only
Offset:
0Fh
Default:
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com