Electronic Components Datasheet Search
  English  ▼

X  

PCI2040 Datasheet(PDF) 49 Page - Texas Instruments

Click here to check the latest version.
Part # PCI2040
Description  PCI2040 PCI-DSP Bridge controller
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI2040 Datasheet(HTML) 49 Page - Texas Instruments

Back Button PCI2040 Datasheet HTML 45Page - Texas Instruments PCI2040 Datasheet HTML 46Page - Texas Instruments PCI2040 Datasheet HTML 47Page - Texas Instruments PCI2040 Datasheet HTML 48Page - Texas Instruments PCI2040 Datasheet HTML 49Page - Texas Instruments PCI2040 Datasheet HTML 50Page - Texas Instruments PCI2040 Datasheet HTML 51Page - Texas Instruments PCI2040 Datasheet HTML 52Page - Texas Instruments PCI2040 Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 79 page
background image
4–17
4.29 PM Next-Item Pointer Register
The PM next-item pointer register provides a pointer into the PCI configuration header where the CPCI hot swap
control and status register (HS_CSR) resides. The PCI header at 5Ch provides the hot swap register. If bit 3 (HSEN)
in the miscellaneous control register (see Section 4.26) is 0, then the PM next-item pointer register returns 00h when
read indicating the end of the extended capability list.
Bit
7
6
5
4
3
2
1
0
Name
PM next-item pointer
Type
R
R
R
R
R
R
R
R
Default
0
1
0
1
1
1
0
0
Register:
PM next-item pointer
Type:
Read-only
Offset:
51h
Default:
5Ch
4.30 Power Management Capabilities Register
The power management capabilities (PMC) register contains information on the capabilities of the PCI2040 related
to power management. The PCI2040 supports all D0–D3 power states.
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Name
Power management capabilities
Type
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
Default
1
1
1
1
1
1
1
0
0
0
0
1
0
0
0
1
Register:
Power management capabilities
Type:
Read-only
Offset:
52h
Default:
FE11h
Table 4–15. Power Management Capabilities Register
BIT
FIELD NAME
TYPE
DESCRIPTION
15
D3cold_PMESupport
R(W)
D3cold PME support. This bit defaults to read-only and becomes read/write when bit 2
(D3COLD_LOCK) in the miscellaneous control register is set (see Section 4.26). This bit defaults
to 1 indicating the PME signal can be asserted from the D3cold state. This bit is read/write
because wake-up support from D3cold is contingent on the system providing an auxiliary power
source to the Vcc terminals. If auxiliary power is not provided to Vcc terminals for D3cold wake-up,
then this bit should be cleared. This bit is not reset by the assertion of PCI_RST, but is reset by
GRST.
14–11
PME Support
R
This field has a value of 4’b1111 indicating that the PCI2040 can signal PME from the D3hot, D2,
D1 and D0 states.
10
D2_Support
R
This bit returns a 1 when read indicating that the PCI2040 supports D2.
9
D1_Support
R
This bit returns a 1 when read indicating that the PCI2040 supports D1.
8–6
RSVD
R
Reserved. Bits 8–6 return 0s when read.
5
DSI
R
Device specific initialization. This bit returns 0 when read indicating no special initialization is
required before a standard driver can use the PCI2040.
4
AUX_PWR
R
Auxiliary power source. Bit 4 returns 1 when read indicating PME support in D3cold requires an
auxiliary power source.
3
PMECLK
R
This bit returns 0 when read indicating that no PCI clock is required for the function to generate
PME.
2–0
Version
R
These three bits return 001b when read indicating compliance to
PCI Bus Power Management
Interface Specification.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com