Electronic Components Datasheet Search
  English  ▼

X  

TMS320VC5504 Datasheet(PDF) 101 Page - Texas Instruments

Part # TMS320VC5504
Description  Fixed-Point Digital Signal Processor
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5504 Datasheet(HTML) 101 Page - Texas Instruments

Back Button TMS320VC5504 Datasheet HTML 97Page - Texas Instruments TMS320VC5504 Datasheet HTML 98Page - Texas Instruments TMS320VC5504 Datasheet HTML 99Page - Texas Instruments TMS320VC5504 Datasheet HTML 100Page - Texas Instruments TMS320VC5504 Datasheet HTML 101Page - Texas Instruments TMS320VC5504 Datasheet HTML 102Page - Texas Instruments TMS320VC5504 Datasheet HTML 103Page - Texas Instruments TMS320VC5504 Datasheet HTML 104Page - Texas Instruments TMS320VC5504 Datasheet HTML 105Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 128 page
background image
6.14 Inter-IC Sound (I2S)
6.14.1
I2S Peripheral Register Description(s)
TMS320VC5504
Fixed-Point Digital Signal Processor
www.ti.com
SPRS609A – JUNE 2009 – REVISED JULY 2009
The VC5504 I2S peripherals allow serial transfer of full-duplex streaming data, usually audio data,
between the device and an external I2S peripheral device such as an audio codec.
The VC5504 supports 4 independent dual-channel I2S peripherals, each with the following features:
• Full-duplex (transmit and receive) dual-channel communication
• Double buffered data registers that allow for continuous data streaming
• I2S/Left-justified and DSP data format with a data delay of 1 or 2 bits
• Data word-lengths of 8, 10, 12, 14, 16, 18, 20, 24, or 32 bits
• Ability to sign-extend received data samples for easy use in signal processing algorithms
• Programmable polarity for both frame synchronization and bit clocks
• Stereo (in I2S/Left-justified or DSP data formats) or mono (in DSP data format) mode
• Detection of over-run, under-run, and frame-sync error conditions
Table 6-26 through Table 6-29 show the I2S0 through I2S3 registers.
For more detailed information on I2S peripheral and its registers, see the TMS320VC5505 Inter-IC Sound
Bus (I2S) User's Guide (literature number SPRUFP4).
Table 6-26. I2S0 Registers
HEX ADDRESS
ACRONYM
REGISTER NAME
RANGE
2800h
I2S0SCTRL
I2S0 Serializer Control Register
2804h
I2S0SRATE
I2S0 Sample Rate Generator Register
2808h
I2S0TXLT0
I2S0 Transmit Left Data 0 Register
2809h
I2S0TXLT1
I2S0 Transmit Left Data 1 Register
280Ch
I2S0TXRT0
I2S0 Transmit Right Data 0 Register
280Dh
I2S0TXRT1
I2S0 Transmit Right Data 1 Register
2810h
I2S0INTFL
I2S0 Interrupt Flag Register
2814h
I2S0INTMASK
I2S0 Interrupt Mask Register
2828h
I2S0RXLT0
I2S0 Receive Left Data 0 Register
2829h
I2S0RXLT1
I2S0 Receive Left Data 1 Register
282Ch
I2S0RXRT0
I2S0 Receive Right Data 0 Register
282Dh
I2S0RXRT1
I2S0 Receive Right Data 1 Register
Table 6-27. I2S1 Registers
HEX ADDRESS
ACRONYM
REGISTER NAME
RANGE
2900h
I2S1SCTRL
I2S1 Serializer Control Register
2904h
I2S1SRATE
I2S1 Sample Rate Generator Register
2908h
I2S1TXLT0
I2S1 Transmit Left Data 0 Register
2909h
I2S1TXLT1
I2S1 Transmit Left Data 1 Register
290Ch
I2S1TXRT0
I2S1 Transmit Right Data 0 Register
290Dh
I2S1TXRT1
I2S1 Transmit Right Data 1 Register
2910h
I2S1INTFL
I2S1 Interrupt Flag Register
2914h
I2S1INTMASK
I2S1 Interrupt Mask Register
2928h
I2S1RXLT0
I2S1 Receive Left Data 0 Register
2929h
I2S1RXLT1
I2S1 Receive Left Data 1 Register
292Ch
I2S1RXRT0
I2S1 Receive Right Data 0 Register
Submit Documentation Feedback
Peripheral Information and Electrical Specifications
101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com