Electronic Components Datasheet Search
  English  ▼

X  

TMS320VC5504 Datasheet(PDF) 104 Page - Texas Instruments

Part # TMS320VC5504
Description  Fixed-Point Digital Signal Processor
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5504 Datasheet(HTML) 104 Page - Texas Instruments

Back Button TMS320VC5504 Datasheet HTML 100Page - Texas Instruments TMS320VC5504 Datasheet HTML 101Page - Texas Instruments TMS320VC5504 Datasheet HTML 102Page - Texas Instruments TMS320VC5504 Datasheet HTML 103Page - Texas Instruments TMS320VC5504 Datasheet HTML 104Page - Texas Instruments TMS320VC5504 Datasheet HTML 105Page - Texas Instruments TMS320VC5504 Datasheet HTML 106Page - Texas Instruments TMS320VC5504 Datasheet HTML 107Page - Texas Instruments TMS320VC5504 Datasheet HTML 108Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 128 page
background image
TMS320VC5504
Fixed-Point Digital Signal Processor
SPRS609A – JUNE 2009 – REVISED JULY 2009
www.ti.com
Table 6-31. Timing Requirements for I2S [I/O = 1.8 V](1) (see Figure 6-25)
MASTER
SLAVE
UN
NO.
CVDD = 1.05 V
CVDD = 1.3 V
CVDD = 1.05 V
CVDD = 1.3 V
IT
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
50 or
40 or
50 or
40 or
1
tc(CLK)
Cycle time, I2S_CLK
ns
2P(1)(2)
2P(1)(2)
2P(1)(2)
2P(1)(2)
2
tw(CLKH)
Pulse duration, I2S_CLK high
25
20
25
20
ns
3
tw(CLKL)
Pulse duration, I2S_CLK low
25
20
25
20
ns
Setup time, I2S_RX valid before
tsu(RXV-CLKH)
5
5
5
5
ns
I2S CLK high (CLKPOL = 0)
7
Setup time, I2S_RX valid before
tsu(RXV-CLKL)
5
5
5
5
ns
I2S_CLK low (CLKPOL = 1)
Hold time, I2S_RX valid after
th(CLKH-RXV)
7
7
2
2
ns
I2S_CLK high (CLKPOL = 0)
8
Hold time, I2S_RX valid after
th(CLKL-RXV)
7
7
2
2
ns
I2S_CLK low (CLKPOL = 1)
Setup time, I2S_FS valid before
tsu(FSV-CLKH)
–
–
15
15
ns
I2S_CLK high (CLKPOL = 0)
9
Setup time, I2S_FS valid before
tsu(FSV-CLKL)
–
–
15
15
ns
I2S_CLK low (CLKPOL = 1)
Hold time, I2S_FS valid after
tw(CLKH) +
tw(CLKH) +
th(CLKH-FSV)
–
–
ns
I2S_CLK high (CLKPOL = 0)
0.6(3)
0.6(3)
10
Hold time, I2S_FS valid after
tw(CLKL) +
tw(CLKL) +
th(CLKL-FSV)
–
–
ns
I2S_CLK low (CLKPOL = 1)
0.6(3)
0.6(3)
(1)
P = SYSCLK period in ns. For example, when running parts at 100 MHz, use P = 10 ns.
(2)
Use whichever value is greater.
(3)
In Slave Mode, I2S_FS is required to be latched on both edges of I2S input clock (I2S_CLK).
Peripheral Information and Electrical Specifications
104
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com