Electronic Components Datasheet Search
  English  ▼

X  

TMS320VC5504 Datasheet(PDF) 107 Page - Texas Instruments

Part # TMS320VC5504
Description  Fixed-Point Digital Signal Processor
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5504 Datasheet(HTML) 107 Page - Texas Instruments

Back Button TMS320VC5504 Datasheet HTML 103Page - Texas Instruments TMS320VC5504 Datasheet HTML 104Page - Texas Instruments TMS320VC5504 Datasheet HTML 105Page - Texas Instruments TMS320VC5504 Datasheet HTML 106Page - Texas Instruments TMS320VC5504 Datasheet HTML 107Page - Texas Instruments TMS320VC5504 Datasheet HTML 108Page - Texas Instruments TMS320VC5504 Datasheet HTML 109Page - Texas Instruments TMS320VC5504 Datasheet HTML 110Page - Texas Instruments TMS320VC5504 Datasheet HTML 111Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 128 page
background image
6.15 Serial Port Interface (SPI)
6.15.1 SPI Peripheral Register Description(s)
TMS320VC5504
Fixed-Point Digital Signal Processor
www.ti.com
SPRS609A – JUNE 2009 – REVISED JULY 2009
The VC5504M serial port interface (SPI) is a high-speed synchronous serial input/output port that allows a
serial bit stream of programmed length (1 to 32 bits) to be shifted into and out of the device at a
programmed bit-transfer rate. The SPI supports multi-chip operation of up to four SPI slave devices. The
SPI can operate as a master device only, slave mode is not supported.
The SPI is normally used for communication between the DSP and external peripherals. Typical
applications include an interface to external I/O or peripheral expansion via devices such as shift registers,
display drivers, SPI EEPROMs, and analog-to-digital converters.
The SPI has the following features:
• Programmable divider for serial data clock generation
• Four pin interface (SPI_CLK, SPI_CSn, SPI_RX, and SPI_TX)
• Programmable data length (1 to 32 bits)
• 4 external chip select signals
• Programmable transfer or frame size (1 to 4096 characters)
• Optional interrupt generation on character completion
• Programmable SPI_CSn to SPI_TX delay from 0 to 3 SPI_CLK cycles
• Programmable signal polarities
• Programmable active clock edge
• Internal loopback mode for testing
Table 6-34 shows the SPI registers.
For more detailed information on the SPI peripheral, see the TMS320VC5505 Serial Port Interface (SPI)
User's Guide (literature number SPRUFO3).
Table 6-34. SPI Module Registers
CPU
WORD
ACRONYM
REGISTER NAME
ADDRESS
3000h
SPICDR
Clock Divider Register
3001h
SPICCR
Clock Control Register
3002h
SPIDCR1
Device Configuration Register 1
3003h
SPIDCR2
Device Configuration Register 2
3004h
SPICMD1
Command Register 1
3005h
SPICMD2
Command Register 2
3006h
SPISTAT1
Status Register 1
3007h
SPISTAT2
Status Register 2
3008h
SPIDAT1
Data Register 1
3009h
SPIDAT2
Data Register 2
Submit Documentation Feedback
Peripheral Information and Electrical Specifications
107



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com