Electronic Components Datasheet Search
  English  ▼

X  

TMS320VC5504 Datasheet(PDF) 105 Page - Texas Instruments

Part # TMS320VC5504
Description  Fixed-Point Digital Signal Processor
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5504 Datasheet(HTML) 105 Page - Texas Instruments

Back Button TMS320VC5504 Datasheet HTML 101Page - Texas Instruments TMS320VC5504 Datasheet HTML 102Page - Texas Instruments TMS320VC5504 Datasheet HTML 103Page - Texas Instruments TMS320VC5504 Datasheet HTML 104Page - Texas Instruments TMS320VC5504 Datasheet HTML 105Page - Texas Instruments TMS320VC5504 Datasheet HTML 106Page - Texas Instruments TMS320VC5504 Datasheet HTML 107Page - Texas Instruments TMS320VC5504 Datasheet HTML 108Page - Texas Instruments TMS320VC5504 Datasheet HTML 109Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 128 page
background image
TMS320VC5504
Fixed-Point Digital Signal Processor
www.ti.com
SPRS609A – JUNE 2009 – REVISED JULY 2009
Table 6-32. Switching Characteristics Over Recommended Operating Conditions for I2S Output
[I/O = 3.3 V, 2.8 V, or 2.5 V] (see Figure 6-25)
MASTER
SLAVE
NO
UN
PARAMETER
CVDD = 1.05 V
CVDD = 1.3 V
CVDD = 1.05 V
CVDD = 1.3 V
.
IT
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
40 or
40 or
40 or
40 or
1
tc(CLK)
Cycle time, I2S_CLK
ns
2P(1)(2)
2P(1)(2)
2P(1)(2)
2P(1)(2)
tw(CLKH)
Pulse duration, I2S_CLK high (CLKPOL = 0)
20
20
20
20
ns
2
tw(CLKL)
Pulse duration, I2S_CLK low (CLKPOL = 1)
20
20
20
20
ns
tw(CLKL)
Pulse duration, I2S_CLK low (CLKPOL = 0)
20
20
20
20
ns
3
tw(CLKH)
Pulse duration, I2S_CLK high (CLKPOL = 1)
20
20
20
20
ns
tdmax(CLKL-
Output Delay time, I2S_CLK low to I2S_DX
15
14
12
12
ns
DXV)
valid (CLKPOL = 0)
4
tdmax(CLKH-
Output Delay time, I2S_CLK high to I2S_DX
15
14
12
12
ns
DXV)
valid (CLKPOL = 1)
Output Hold time, I2S_CLK high to I2S_DX
toh(DXV-CLKH)
0
0
0
0
ns
invalid (CLKPOL = 0)
5
toh(DXV-
Output Hold time, I2S_CLK low to I2S_DX
0
0
0
0
ns
CLKL)
invalid (CLKPOL = 1)
tdmax(CLKL-
Delay time, I2S_CLK low to I2S_FS valid
14
14
–
–
ns
FSV)
(CLKPOL = 0)
6
tdmax(CLKH-
Delay time, I2S_CLK high to I2S_FS valid
14
14
–
–
ns
FSV)
(CLKPOL = 1)
(1)
P = SYSCLK period in ns. For example, when running parts at 100 MHz, use P = 10 ns.
(2)
Use whichever value is greater.
Submit Documentation Feedback
Peripheral Information and Electrical Specifications
105



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com