Electronic Components Datasheet Search
  English  ▼

X  

TMS320VC5504 Datasheet(PDF) 108 Page - Texas Instruments

Part # TMS320VC5504
Description  Fixed-Point Digital Signal Processor
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5504 Datasheet(HTML) 108 Page - Texas Instruments

Back Button TMS320VC5504 Datasheet HTML 104Page - Texas Instruments TMS320VC5504 Datasheet HTML 105Page - Texas Instruments TMS320VC5504 Datasheet HTML 106Page - Texas Instruments TMS320VC5504 Datasheet HTML 107Page - Texas Instruments TMS320VC5504 Datasheet HTML 108Page - Texas Instruments TMS320VC5504 Datasheet HTML 109Page - Texas Instruments TMS320VC5504 Datasheet HTML 110Page - Texas Instruments TMS320VC5504 Datasheet HTML 111Page - Texas Instruments TMS320VC5504 Datasheet HTML 112Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 128 page
background image
6.15.2 SPI Electrical Data/Timing
TMS320VC5504
Fixed-Point Digital Signal Processor
SPRS609A – JUNE 2009 – REVISED JULY 2009
www.ti.com
Table 6-35. Timing Requirements for SPI input (see Figure 6-26 through Figure 6-29)
CVDD = 1.05 V
CVDD = 1.3 V
NO.
UNIT
MIN
MAX
MIN
MAX
66.4 or
40 or
5
tC(SCLK)
Cycle time, SPI_CLK
ns
4P(1)(2)
4P(1)(2)
6
tw(SCLKH)
Pulse duration, SPI_CLK high
30
19
ns
7
tw(SCLKL)
Pulse duration, SPI_CLK low
30
19
ns
Setup time, SPI_RX valid before SPI_CLK high, SPI Mode 0
15
13
ns
Setup time, SPI_RX valid before SPI_CLK low, SPI Mode 1
15
13
ns
8
tsu(SRXV-SCLK)
Setup time, SPI_RX valid before SPI_CLK high, SPI Mode 2
15
13
ns
Setup time, SPI_RX valid before SPI_CLK high, SPI Mode 3
15
13
ns
Hold time, SPI_RX vaild after SPI_CLK high, SPI Mode 0
0
0
ns
Hold time, SPI_RX vaild after SPI_CLK low, SPI Mode 1
0
0
ns
9
th(SCLK-SRXV)
Hold time, SPI_RX vaild after SPI_CLK low, SPI Mode 2
0
0
ns
Hold time, SPI_RX vaild after SPI_CLK high, SPI Mode 3
0
0
ns
(1)
P = SYSCLK period in ns. For example, when running parts at 100 MHz, use P = 10 ns.
(2)
Use whichever value is greater.
Table 6-36. Switching Characteristics Over Recommended Operating Conditions for SPI Outputs
(see Figure 6-26 through Figure 6-29)
CVDD = 1.05 V
CVDD = 1.3 V
NO.
PARAMETER
UNIT
MIN
MAX
MIN
MAX
Delay time, SPI_CLK low to SPI_TX vaild, SPI
8
5
ns
Mode 0
Delay time, SPI_CLK high to SPI_TX vaild, SPI
8
5
ns
Mode 1
1
td(SCLK-STXV)
Delay time, SPI_CLK high to SPI_TX vaild, SPI
8
5
ns
Mode 2
Delay time, SPI_CLK low to SPI_TX vaild, SPI
8
5
ns
Mode 3
Output hold time, SPI_CLK high to SPI_TX invaild,
tw(SCLKH) -
tw(SCLKH) - 4
ns
SPI Mode 0
4.5
Output hold time, SPI_CLK low to SPI_TX invaild,
tw(SCLKL) -
tw(SCLKL) - 4
ns
SPI Mode 1
4.5
2
toh(SCLK-STXIV)
Output hold time, SPI_CLK low to SPI_TX invaild,
tw(SCLKL) -
tw(SCLKL) - 4
ns
SPI Mode 2
4.5
Output hold time, SPI_CLK high to SPI_TX invaild,
tw(SCLKH) -
tw(SCLKH) - 4
ns
SPI Mode 3
4.5
3
td(SPICS-SCLK)
Delay time, SPI_CS active to SPI_CLK active
tC - 8 + D
(1)
tC - 8 + D
(1)
ns
Output hold time, SPI_CS inactive to SPI_CLK
4
toh(SCLKI-SPICSI)
0.5tC - 2
0.5tC - 2
ns
inactive
(1)
D is the programable data delay in ns. Data delay can be programmed to 0, 1, 2, or 3 SPICLK clock cycles.
Peripheral Information and Electrical Specifications
108
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com