Electronic Components Datasheet Search
  English  ▼

X  

TMS320VC5504 Datasheet(PDF) 112 Page - Texas Instruments

Part # TMS320VC5504
Description  Fixed-Point Digital Signal Processor
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5504 Datasheet(HTML) 112 Page - Texas Instruments

Back Button TMS320VC5504 Datasheet HTML 108Page - Texas Instruments TMS320VC5504 Datasheet HTML 109Page - Texas Instruments TMS320VC5504 Datasheet HTML 110Page - Texas Instruments TMS320VC5504 Datasheet HTML 111Page - Texas Instruments TMS320VC5504 Datasheet HTML 112Page - Texas Instruments TMS320VC5504 Datasheet HTML 113Page - Texas Instruments TMS320VC5504 Datasheet HTML 114Page - Texas Instruments TMS320VC5504 Datasheet HTML 115Page - Texas Instruments TMS320VC5504 Datasheet HTML 116Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 128 page
background image
TMS320VC5504
Fixed-Point Digital Signal Processor
SPRS609A – JUNE 2009 – REVISED JULY 2009
www.ti.com
Table 6-37. Universal Serial Bus (USB) Registers (continued)
CPU WORD
ACRONYM
REGISTER DESCRIPTION
ADDRESS
8424h
FIFO1R1
Transmit and Receive FIFO Register 1 for Endpoint 1
8425h
FIFO1R2
Transmit and Receive FIFO Register 2 for Endpoint 1
8428h
FIFO2R1
Transmit and Receive FIFO Register 1 for Endpoint 2
8429h
FIFO2R2
Transmit and Receive FIFO Register 2 for Endpoint 2
842Ch
FIFO3R1
Transmit and Receive FIFO Register 1 for Endpoint 3
842Dh
FIFO3R2
Transmit and Receive FIFO Register 2 for Endpoint 3
8430h
FIFO4R1
Transmit and Receive FIFO Register 1 for Endpoint 4
8431h
FIFO4R2
Transmit and Receive FIFO Register 2 for Endpoint 4
Dynamic FIFO Control Registers
8460h
-
Reserved
8461h
Transmit Endpoint FIFO Size, Receive Endpoint FIFO Size (Index register set to
TXFIFOSZ_RXFIFOSZ
select Endpoints 1-4)
8464h
TXFIFOADDR
Transmit Endpoint FIFO Address (Index register set to select Endpoints 1-4)
8465h
RXFIFOADDR
Receive Endpoint FIFO Address (Index register set to select Endpoints 1-4)
846Ch
-
Reserved
Control and Status Register for Endpoint 0
8500h
-
Reserved
8501h
PERI_CSR0
Control Status Register for Peripheral Endpoint 0
8504h
-
Reserved
8505h
-
Reserved
8508h
COUNT0
Number of Received Bytes in Endpoint 0 FIFO
8509h
-
Reserved
850Ch
-
Reserved
CONFIGDATA
Returns details of core configuration.
850Dh
(Upper byte of 850Dh)
Control and Status Register for Endpoint 1
8510h
TXMAXP
Maximum Packet Size for Peripheral/Host Transmit Endpoint
8511h
PERI_TXCSR
Control Status Register for Peripheral Transmit Endpoint (peripheral mode)
8514h
RXMAXP
Maximum Packet Size for Peripheral/Host Receive Endpoint
8515h
PERI_RXCSR
Control Status Register for Peripheral Receive Endpoint (peripheral mode)
8518h
RXCOUNT
Number of Bytes in the Receiving Endpoint's FIFO
8519h
-
Reserved
851Ch
-
Reserved
851Dh
-
Reserved
Control and Status Register for Endpoint 2
8520h
TXMAXP
Maximum Packet Size for Peripheral/Host Transmit Endpoint
8521h
PERI_TXCSR
Control Status Register for Peripheral Transmit Endpoint (peripheral mode)
8524h
RXMAXP
Maximum Packet Size for Peripheral/Host Receive Endpoint
8525h
PERI_RXCSR
Control Status Register for Peripheral Receive Endpoint (peripheral mode)
8528h
RXCOUNT
Number of Bytes in Host Receive endpoint FIFO
8529h
-
Reserved
852Ch
-
Reserved
852Dh
-
Reserved
Control and Status Register for Endpoint 3
8530h
TXMAXP
Maximum Packet Size for Peripheral/Host Transmit Endpoint
8531h
PERI_TXCSR
Control Status Register for Peripheral Transmit Endpoint (peripheral mode)
8534h
RXMAXP
Maximum Packet Size for Peripheral/Host Receive Endpoint
Peripheral Information and Electrical Specifications
112
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com