Electronic Components Datasheet Search
  English  ▼

X  

TMS320VC5504 Datasheet(PDF) 116 Page - Texas Instruments

Part # TMS320VC5504
Description  Fixed-Point Digital Signal Processor
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5504 Datasheet(HTML) 116 Page - Texas Instruments

Back Button TMS320VC5504 Datasheet HTML 112Page - Texas Instruments TMS320VC5504 Datasheet HTML 113Page - Texas Instruments TMS320VC5504 Datasheet HTML 114Page - Texas Instruments TMS320VC5504 Datasheet HTML 115Page - Texas Instruments TMS320VC5504 Datasheet HTML 116Page - Texas Instruments TMS320VC5504 Datasheet HTML 117Page - Texas Instruments TMS320VC5504 Datasheet HTML 118Page - Texas Instruments TMS320VC5504 Datasheet HTML 119Page - Texas Instruments TMS320VC5504 Datasheet HTML 120Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 128 page
background image
6.16.2 USB2.0 Electrical Data/Timing
tr
tf
VCRS
90%VOH
10%VOL
USB_DM
USB_DP
tper - tjr
TMS320VC5504
Fixed-Point Digital Signal Processor
SPRS609A – JUNE 2009 – REVISED JULY 2009
www.ti.com
Table 6-38. Switching Characteristics Over Recommended Operating Conditions for USB2.0 (see
Figure 6-30)
CVDD = 1.05 V
CVDD = 1.3 V
NO.
PARAMETER
FULL SPEED
HIGH SPEED
UNIT
12 Mbps
480 Mbps(1)
MIN
MAX
MIN
MAX
1
tr(D)
Rise time, USB_DP and USB_DM signals(2)
4
20
0.5
ns
2
tf(D)
Fall time, USB_DP and USB_DM signals(2)
4
20
0.5
ns
3
trfM
Rise/Fall time, matching(3)
90
111
–
–
%
4
VCRS
Output signal cross-over voltage(2)
1.3
2
–
–
V
7
tw(EOPT)
Pulse duration, EOP transmitter(4)
160
175
–
–
ns
8
tw(EOPR)
Pulse duration, EOP receiver(4)
82
–
ns
9
t(DRATE)
Data Rate
12
480
Mb/s
10
ZDRV
Driver Output Resistance
40.5
49.5
40.5
49.5
Ω
11
ZINP
Receiver Input Impedance
100k
-
-
Ω
(1)
For more detailed informaton, see the Universal Serial Bus Specification, Revision 2.0, Chapter 7.
(2)
Full Speed and High Speed CL = 50 pF
(3)
tRFM = (tr/tf) x 100. [Excluding the first transaction from the Idle state.]
(4)
Must accept as valid EOP
Figure 6-30. USB2.0 Integrated Transceiver Interface Timing
116
Peripheral Information and Electrical Specifications
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com