Electronic Components Datasheet Search
  English  ▼

X  

TMS320VC5504 Datasheet(PDF) 118 Page - Texas Instruments

Part # TMS320VC5504
Description  Fixed-Point Digital Signal Processor
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5504 Datasheet(HTML) 118 Page - Texas Instruments

Back Button TMS320VC5504 Datasheet HTML 114Page - Texas Instruments TMS320VC5504 Datasheet HTML 115Page - Texas Instruments TMS320VC5504 Datasheet HTML 116Page - Texas Instruments TMS320VC5504 Datasheet HTML 117Page - Texas Instruments TMS320VC5504 Datasheet HTML 118Page - Texas Instruments TMS320VC5504 Datasheet HTML 119Page - Texas Instruments TMS320VC5504 Datasheet HTML 120Page - Texas Instruments TMS320VC5504 Datasheet HTML 121Page - Texas Instruments TMS320VC5504 Datasheet HTML 122Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 128 page
background image
TMS320VC5504
Fixed-Point Digital Signal Processor
SPRS609A – JUNE 2009 – REVISED JULY 2009
www.ti.com
Table 6-41. General-Purpose Timer 1 Registers
CPU WORD
ACRONYM
REGISTER DESCRIPTION
ADDRESS
1850h
TCR
Timer 1 Control Register
1852h
TIMPRD1
Timer 1 Period Register 1
1853h
TIMPRD2
Timer 1 Period Register 2
1854h
TIMCNT1
Timer 1 Counter Register 1
1855h
TIMCNT2
Timer 1 Counter Register 2
Table 6-42. General-Purpose Timer 2 Registers
CPU WPRD
ACRONYM
REGISTER DESCRIPTION
ADDRESS
1890h
TCR
Timer 2 Control Register
1892h
TIMPRD1
Timer 2 Period Register 1
1893h
TIMPRD2
Timer 2 Period Register 2
1894h
TIMCNT1
Timer 2 Counter Register 1
1895h
TIMCNT2
Timer 2 Counter Register 2
Peripheral Information and Electrical Specifications
118
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com