Electronic Components Datasheet Search
  English  ▼

X  

TMS320VC5504 Datasheet(PDF) 114 Page - Texas Instruments

Part # TMS320VC5504
Description  Fixed-Point Digital Signal Processor
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5504 Datasheet(HTML) 114 Page - Texas Instruments

Back Button TMS320VC5504 Datasheet HTML 110Page - Texas Instruments TMS320VC5504 Datasheet HTML 111Page - Texas Instruments TMS320VC5504 Datasheet HTML 112Page - Texas Instruments TMS320VC5504 Datasheet HTML 113Page - Texas Instruments TMS320VC5504 Datasheet HTML 114Page - Texas Instruments TMS320VC5504 Datasheet HTML 115Page - Texas Instruments TMS320VC5504 Datasheet HTML 116Page - Texas Instruments TMS320VC5504 Datasheet HTML 117Page - Texas Instruments TMS320VC5504 Datasheet HTML 118Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 128 page
background image
TMS320VC5504
Fixed-Point Digital Signal Processor
SPRS609A – JUNE 2009 – REVISED JULY 2009
www.ti.com
Table 6-37. Universal Serial Bus (USB) Registers (continued)
CPU WORD
ACRONYM
REGISTER DESCRIPTION
ADDRESS
9869h
RXGCR2[3]
Receive Channel 3 Global Configuration Register 2
986Ch
RXHPCR1A[3]
Receive Channel 3 Host Packet Configuration Register 1 A
986Dh
RXHPCR2A[3]
Receive Channel 3 Host Packet Configuration Register 2 A
9870h
RXHPCR1B[3]
Receive Channel 3 Host Packet Configuration Register 1 B
9871h
RXHPCR2B[3]
Receive Channel 3 Host Packet Configuration Register 2 B
A000h
DMA_SCHED_CTRL1
CDMA Scheduler Control Register 1
A001h
DMA_SCHED_CTRL2
CDMA Scheduler Control Register 1
A800h + 4
× N
ENTRYLSW[N]
CDMA Scheduler Table Word N Registers LSW (N = 0 to 63)
A801h + 4
× N
ENTRYMSW[N]
CDMA Scheduler Table Word N Registers MSW (N = 0 to 63)
Queue Manager (QMGR) Registers
C000h
-
Reserved
C001h
-
Reserved
C008h
DIVERSION1
Queue Manager Queue Diversion Register 1
C009h
DIVERSION2
Queue Manager Queue Diversion Register 2
C020h
FDBSC0
Queue Manager Free Descriptor/Buffer Starvation Count Register 0
C021h
FDBSC1
Queue Manager Free Descriptor/Buffer Starvation Count Register 1
C024h
FDBSC2
Queue Manager Free Descriptor/Buffer Starvation Count Register 2
C025h
FDBSC3
Queue Manager Free Descriptor/Buffer Starvation Count Register 3
C028h
FDBSC4
Queue Manager Free Descriptor/Buffer Starvation Count Register 4
C029h
FDBSC5
Queue Manager Free Descriptor/Buffer Starvation Count Register 5
C02Ch
FDBSC6
Queue Manager Free Descriptor/Buffer Starvation Count Register 6
C02Dh
FDBSC7
Queue Manager Free Descriptor/Buffer Starvation Count Register 7
C080h
LRAM0BASE1
Queue Manager Linking RAM Region 0 Base Address Register 1
C081h
LRAM0BASE2
Queue Manager Linking RAM Region 0 Base Address Register 2
C084h
LRAM0SIZE
Queue Manager Linking RAM Region 0 Size Register
C085h
-
Reserved
C088h
LRAM1BASE1
Queue Manager Linking RAM Region 1 Base Address Register 1
C089h
LRAM1BASE2
Queue Manager Linking RAM Region 1 Base Address Register 2
C090h
PEND0
Queue Manager Queue Pending 0
C091h
PEND1
Queue Manager Queue Pending 1
C094h
PEND2
Queue Manager Queue Pending 2
C095h
PEND3
Queue Manager Queue Pending 3
C098h
PEND4
Queue Manager Queue Pending 4
C099h
PEND5
Queue Manager Queue Pending 5
D000h + 16
× R
QMEMRBASE1[R]
Queue Manager Memory Region R Base Address Register 1 (R = 0 to 15)
D001h + 16
× R
QMEMRBASE2[R]
Queue Manager Memory Region R Base Address Register 2 (R = 0 to 15)
D004h + 16
× R
QMEMRCTRL1[R]
Queue Manager Memory Region R Control Register (R = 0 to 15)
D005h + 16
× R
QMEMRCTRL2[R]
Queue Manager Memory Region R Control Register (R = 0 to 15)
E000h + 16
× N
CTRL1A
Queue Manager Queue N Control Register 1A (N = 0 to 63)
E001h + 16
× N
CTRL2A
Queue Manager Queue N Control Register 2A (N = 0 to 63)
E004h + 16
× N
CTRL1B
Queue Manager Queue N Control Register 1B (N = 0 to 63)
E005h + 16
× N
CTRL2B
Queue Manager Queue N Control Register 2B (N = 0 to 63)
E008h + 16
× N
CTRL1C
Queue Manager Queue N Control Register 1C (N = 0 to 63)
E009h + 16
× N
CTRL2C
Queue Manager Queue N Control Register 2C (N = 0 to 63)
E00Ch + 16
× N
CTRL1D
Queue Manager Queue N Control Register 1D (N = 0 to 63)
E00Dh + 16
× N
CTRL2D
Queue Manager Queue N Control Register 2D (N = 0 to 63)
Peripheral Information and Electrical Specifications
114
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com